Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5365B Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SMBJ5365B
Description  5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ5365B Datasheet(HTML) 3 Page - Micro Commercial Components

  SMBJ5365B Datasheet HTML 1Page - Micro Commercial Components SMBJ5365B Datasheet HTML 2Page - Micro Commercial Components SMBJ5365B Datasheet HTML 3Page - Micro Commercial Components SMBJ5365B Datasheet HTML 4Page - Micro Commercial Components SMBJ5365B Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Note 1
Devices listed have a
± 5% tolerance on nominal V Z.
Suffix C denotes a +2%
Note 2
Nominal Zener Voltage (V Z) is read with the device in
standard test clips with 3/8 to ½ inch spacing between
clip and case of the diode. Before reading, the diode is
allowed so stabilize for a period of 40
± 10 milliseconds
at 25
°C (+8, -2°C).
Note 3
The Zener impedance (Z ZT or ZZK is derived from the 60
HZ ac voltage, which results when an ac current having
a rms value equal to 10% of the dc zener current (I ZT or
IZK) is superimposed on I ZT or IZK respectively.
Note 4
The Maximum Reverse (leakage) Current is specified
for devices with
± 20% and ± 10% voltage tolerances
on nominal VZ in another column.
Note 5
The Maximum Zener Current (I ZM) shown is for
± 5%
tolerance devices. I ZM for
± 10% and ± 20% devices
can be calculated using the formula:
IZM =
P
V ZM
Where “VZM” is VZ at the high end of the voltage
tolerance specified and “P” is the rated power of the
device.
Note 6
The Surge Current (I ZM) is specified as the maximum
peak of a nonrecurring sine wave of 8.3 milliseconds
duration.
Note 7
Voltage Regulation (
∆VZ) is the difference between the
voltage measured at 10% and 50% I ZM).
SMBJ5338B thru SMBJ53
88B
www.mccsemi.com
MCC
Micro Commercial Components
TM
3 of 5
Revision:
I
20
13/01/01
MCC
369B
Cathode Band
Logo
Type No.
For Example: 339B for SMBJ5339B
369B for SMBJ5369B
Marking Code Info.
MCC
_


Similar Part No. - SMBJ5365B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5365B MCC-SMBJ5365B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
SMBJ5365B MCC-SMBJ5365B Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
logo
Microsemi Corporation
SMBJ5365B MICROSEMI-SMBJ5365B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Tiger Electronic Co.,Lt...
SMBJ5365B TGS-SMBJ5365B Datasheet
7Mb / 3P
   Surface Mount Silicon Zener Diodes
logo
SynSemi, Inc.
SMBJ5365B SYNSEMI-SMBJ5365B Datasheet
38Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMBJ5365B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5353B-TP MCC-SMBJ5353B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5366B-TP MCC-SMBJ5366B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B-TP MCC-SMBJ5338B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5365B-TP MCC-SMBJ5365B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5341B-TP MCC-SMBJ5341B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5371B-TP MCC-SMBJ5371B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B MCC-SMBJ5338B_14 Datasheet
265Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5342B-TP MCC-SMBJ5342B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com