Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5372B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMBJ5372B
Description  5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ5372B Datasheet(HTML) 1 Page - Micro Commercial Components

  SMBJ5372B Datasheet HTML 1Page - Micro Commercial Components SMBJ5372B Datasheet HTML 2Page - Micro Commercial Components SMBJ5372B Datasheet HTML 3Page - Micro Commercial Components SMBJ5372B Datasheet HTML 4Page - Micro Commercial Components SMBJ5372B Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMBJ5338B
THRU
SMBJ5388B
5 Watt
Surface Mount Silicon
Zener Diode
5.1 to 200 Volts
Features
Low Profile Package for Surface Mountiong(Flat Handling
Surface for Accurate Placement)
Zener Voltage 5.1V to
200V
High Surge Current Capability
For Available Tolerances-see Note 1
Available on Tape and Reel (see E1A std RS-481)
Mechanical Data
Standard JEDEC Outlines as Shown
Marking: See page
2
Electrical Characteristics @ 25 C Unless Otherwise Specified
Forward Voltage at
1.0A Current
VF
1.2Volts
Steady State Power
Dissipation
P(AV)
5Watts See Note 2
Operating and Storage
Temperatures
TJ, TSTG
-55
to +150
R JL
15
/W
Note:
2. Lead temperature at 75
= TL at mounting plane. Derate linearly
above 75
to zero power at 150
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AA
(SMB) (Lead Frame)
H
J
E
G
A
B
D
C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.075
.095
1.91
2.41
B
.077
.083
1.96
2.10
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.030
.060
.76
1.52
G
.200
.220
5.08
5.59
H
.160
.187
4.06
4.75
J
.130
.155
3.30
3.94
Micro Commercial Components
TM
Maximum Temperature for Soldering: 260
for 10 Seconds
1 of 5
Revision:
I
20
13/01/01
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
1.High Tempertaure Solder Exemptions Applied,see EU Directive Annex 7.
R JA
90
/W
Thermal Resistance
3. Ambient temperature at 15
= TA at mounting plane. Derate linearly
above 15
to zero power at 150
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SMBJ5372B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5372B MCC-SMBJ5372B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
SMBJ5372B MCC-SMBJ5372B Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
logo
Microsemi Corporation
SMBJ5372B MICROSEMI-SMBJ5372B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Tiger Electronic Co.,Lt...
SMBJ5372B TGS-SMBJ5372B Datasheet
7Mb / 3P
   Surface Mount Silicon Zener Diodes
logo
SynSemi, Inc.
SMBJ5372B SYNSEMI-SMBJ5372B Datasheet
38Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMBJ5372B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5353B-TP MCC-SMBJ5353B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5366B-TP MCC-SMBJ5366B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B-TP MCC-SMBJ5338B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5365B-TP MCC-SMBJ5365B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5341B-TP MCC-SMBJ5341B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5371B-TP MCC-SMBJ5371B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B MCC-SMBJ5338B_14 Datasheet
265Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5342B-TP MCC-SMBJ5342B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com