Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCD1300N80Z Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FCD1300N80Z
Description  N-Channel SuperFET II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD1300N80Z Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FCD1300N80Z Datasheet HTML 1Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 2Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 3Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 4Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 5Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 6Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 7Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 8Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
August 2014
©2014 Fairchild Semiconductor Corporation
FCD1300N80Z Rev. C0
www.fairchildsemi.com
1
FCD1300N80Z
N-Channel SuperFET® II MOSFET
800 V, 4 A, 1.3
Features
•RDS(on) = 1.05 Typ.)
• Ultra Low Gate Charge (Typ. Qg = 16.2 nC)
•Low Eoss (Typ. 1.57 uJ @ 400V)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 48.7 pF)
• 100% Avalanche Tested
•RoHS Compliant
• ESD Improved Capability
Applications
• AC - DC Power Supply
• LED Lighting
Description
SuperFET® II MOSFET is Fairchild Semiconductor’s brand-new
high voltage super-junction (SJ) MOSFET family that is utilizing
charge balance technology for outstanding low on-resistance
and lower gate charge performance. This technology is tailored
to minimize conduction loss, provide superior switching
performance, dv/dt rate and higher avalanche energy. In
addition, internal gate-source ESD diode allows to withstand
over 2kV HBM surge stress.Consequently, SuperFET II
MOSFET is very suitable for the switching power applications
such as Audio, Laptop adapter, Lighting, ATX power and
industrial power applications.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FCD1300N80Z
Unit
VDSS
Drain to Source Voltage
800
V
VGSS
Gate to Source Voltage
- DC
±20
V
- AC
(f > 1 Hz)
±30
ID
Drain Current
- Continuous (TC = 25oC)
4
A
- Continuous (TC = 100oC)
2.5
IDM
Drain Current
- Pulsed
(Note 1)
12
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
48
mJ
IAR
Avalanche Current
(Note 1)
0.8
A
EAR
Repetitive Avalanche Energy
(Note 1)
0.26
mJ
dv/dt
MOSFET dv/dt
100
V/ns
Peak Diode Recovery dv/dt
(Note 3)
20
PD
Power Dissipation
(TC = 25oC)
52
W
- Derate Above 25oC0.42
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering, 1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FCD1300N80Z
Unit
RJC
Thermal Resistance, Junction to Case, Max.
2.4
oC/W
RJA
Thermal Resistance, Junction to Ambient, Max.
100
D-PAK
G
S
D
G
D
S


Similar Part No. - FCD1300N80Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCD1300N80Z ISC-FCD1300N80Z Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCD1300N80Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP190N60 FAIRCHILD-FCP190N60_13 Datasheet
342Kb / 10P
   N-Channel SuperFET II MOSFET
FCH104N60 FAIRCHILD-FCH104N60 Datasheet
766Kb / 9P
   N-Channel SuperFET II MOSFET
FCP130N60 FAIRCHILD-FCP130N60 Datasheet
1Mb / 10P
   N-Channel SuperFET II MOSFET
FCH170N60 FAIRCHILD-FCH170N60 Datasheet
624Kb / 9P
   N-Channel SuperFET II MOSFET
FCP104N60 FAIRCHILD-FCP104N60 Datasheet
788Kb / 10P
   N-Channel SuperFET II MOSFET
FCH043N60 FAIRCHILD-FCH043N60 Datasheet
431Kb / 10P
   N-Channel SuperFET II MOSFET
FCH130N60 FAIRCHILD-FCH130N60 Datasheet
620Kb / 9P
   N-Channel SuperFET II MOSFET
FCP380N60 FAIRCHILD-FCP380N60_13 Datasheet
333Kb / 10P
   N-Channel SuperFET II MOSFET
FCP170N60 FAIRCHILD-FCP170N60 Datasheet
800Kb / 10P
   N-Channel SuperFET II MOSFET
FCP150N65F FAIRCHILD-FCP150N65F Datasheet
1Mb / 12P
   N-Channel SuperFET II FRFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com