Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9571GS-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9571GS-HF
Description  Low On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9571GS-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9571GS-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9571GS-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9571GS-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9571GS-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low On-resistance
BVDSS
-60V
▼ Simple Drive Requirement
RDS(ON)
12.5mΩ
▼ Fast Switching Characteristic
ID
-105A
▼ Halogen Free & RoHS Compliant Product
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
TSTG
oC
TJ
oC
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
0.5
oC/W
Rthj-a
40
/W
Data and specifications subject to change without notice
Maximum Thermal Resistance, Junction-ambient (PCB mount)
3
AP9571GS-HF
Rating
-60
+20
-105
Halogen-Free Product
-67
-300
-55 to 150
250
Total Power Dissipation
Total Power Dissipation
3
-55 to 150
Thermal Data
Parameter
3.13
201206141
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current, VGS @ 10V
Continuous Drain Current, VGS @ 10V
1
Operating Junction Temperature Range
Storage Temperature Range
Pulsed Drain Current
1
G
D
S
AP9571 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The TO-263 package is widely preferred for all commercial-industrial
surface mount applications using infrared reflow technique and
suited for high current application due to the low connection
resistance.
G
D
S
TO-263(S)


Similar Part No. - AP9571GS-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9571GS-HF A-POWER-AP9571GS-HF Datasheet
102Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP9571GS-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com