Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57-21-R6C-AP1Q2B-BF Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 57-21-R6C-AP1Q2B-BF
Description  Side View Red SMD LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

57-21-R6C-AP1Q2B-BF Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 57-21-R6C-AP1Q2B-BF Datasheet HTML 2Page - Everlight Electronics Co., Ltd 57-21-R6C-AP1Q2B-BF Datasheet HTML 3Page - Everlight Electronics Co., Ltd 57-21-R6C-AP1Q2B-BF Datasheet HTML 4Page - Everlight Electronics Co., Ltd 57-21-R6C-AP1Q2B-BF Datasheet HTML 5Page - Everlight Electronics Co., Ltd 57-21-R6C-AP1Q2B-BF Datasheet HTML 6Page - Everlight Electronics Co., Ltd 57-21-R6C-AP1Q2B-BF Datasheet HTML 7Page - Everlight Electronics Co., Ltd 57-21-R6C-AP1Q2B-BF Datasheet HTML 8Page - Everlight Electronics Co., Ltd 57-21-R6C-AP1Q2B-BF Datasheet HTML 9Page - Everlight Electronics Co., Ltd 57-21-R6C-AP1Q2B-BF Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-05-11 22:09:23.0
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
Side View Red SMD LEDs
57-21/R6C-AP1Q2B/BF
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page:9 of 10
Device No. : DSE-0000692
Prepared date:05-Jan-2009
Prepared by: Ryan Chen
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 48 hours under 30
or less and 60% RH or less. If
unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
120 Sec. Max.
1~5 °C / Sec.
Pre-heating
180~200°C
60 Sec. Max.
Above 220°C
260°C. Max.
10 Sec. Max.
1~5 °C / Sec.


Similar Part No. - 57-21-R6C-AP1Q2B-BF

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
57-21-R6C-AP1Q2B-BF EVERLIGHT-57-21-R6C-AP1Q2B-BF Datasheet
262Kb / 10P
   Side View Red SMD LEDs
More results

Similar Description - 57-21-R6C-AP1Q2B-BF

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
57-21SURC-S530-XX-TR8 EVERLIGHT-57-21SURC-S530-XX-TR8 Datasheet
181Kb / 10P
   Side View Red SMD LEDs
57-21UWC-B003-TR8 EVERLIGHT-57-21UWC-B003-TR8 Datasheet
160Kb / 10P
   Side View Red SMD LEDs
57-21SYGC-S530-E3-TR8 EVERLIGHT-57-21SYGC-S530-E3-TR8 Datasheet
165Kb / 10P
   Side View Red SMD LEDs
57-21SYGC-S530-XX-TR8 EVERLIGHT-57-21SYGC-S530-XX-TR8 Datasheet
165Kb / 10P
   Side View Red SMD LEDs
57-21-R6C-AP1Q2B-BF EVERLIGHT-57-21-R6C-AP1Q2B-BF Datasheet
262Kb / 10P
   Side View Red SMD LEDs
57-21UYC-S530-XX-TR8 EVERLIGHT-57-21UYC-S530-XX-TR8 Datasheet
182Kb / 10P
   Side View Red SMD LEDs
57-11UTC-S827-1-TR8 EVERLIGHT-57-11UTC-S827-1-TR8 Datasheet
216Kb / 11P
   Side View White SMD LEDs
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com