Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-11-W1C-ES1T2N-2T Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 67-11-W1C-ES1T2N-2T
Description  Top View LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-11-W1C-ES1T2N-2T Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  67-11-W1C-ES1T2N-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
Top View LEDs
67-11/W1C-ES1T2N/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 5 of 12
Device No. : DSE-00001196
Date: 23-Dec.-2008
Prepared by:Ryan Chen
Bin Range of Chromaticity Coordinates
IF=20mA
Group
Bin Code
CIE_x
CIE_y
Bin Code
CIE_x
CIE_y
0.280
0.248
0.311
0.294
0.264
0.267
0.307
0.315
0.283
0.305
0.330
0.339
A0
0.296
0.276
B6
0.330
0.318
0.287
0.295
0.307
0.315
0.283
0.305
0.304
0.33
0.304
0.330
0.33
0.36
B3
0.307
0.315
B4
0.33
0.339
0.296
0.276
0.287
0.295
0.307
0.315
E
B5
0.311
0.294
Notes: Tolerance of Chromaticity Coordinates:±0.01


Similar Part No. - 67-11-W1C-ES1T2N-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-11-W1C-ES1T2N-2T EVERLIGHT-67-11-W1C-ES1T2N-2T Datasheet
188Kb / 12P
   Top View LEDs
More results

Similar Description - 67-11-W1C-ES1T2N-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
67-21-T6C-MU2W1E-2T EVERLIGHT-67-21-T6C-MU2W1E-2T Datasheet
236Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com