Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0210 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # PF0210
Description  MOS FET Power Amplifier Module for ADC Mobile Phone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0210 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button PF0210 Datasheet HTML 2Page - Hitachi Semiconductor PF0210 Datasheet HTML 3Page - Hitachi Semiconductor PF0210 Datasheet HTML 4Page - Hitachi Semiconductor PF0210 Datasheet HTML 5Page - Hitachi Semiconductor PF0210 Datasheet HTML 6Page - Hitachi Semiconductor PF0210 Datasheet HTML 7Page - Hitachi Semiconductor PF0210 Datasheet HTML 8Page - Hitachi Semiconductor PF0210 Datasheet HTML 9Page - Hitachi Semiconductor PF0210 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PF0210
6
824
829
839
849
Frequency f (MHz)
834
844
Pin = 2 mW
VDD = 12.5 V
VAPC = 3.9 V
20
8
4
0
60
50
40
30
20
0
16
12
Pout
η
T
Pout,
η
T vs. Frequency (1)
10
824
838
866
894
Frequency f (MHz)
852
880
Pin = 2 mW
VDD = 12.5 V
VAPC = 3.9 V
20
8
4
0
60
50
40
30
20
0
16
12
Pout
η
T
Pout,
η
T vs. Frequency (2)
10
Tx
Rx


Similar Part No. - PF0210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PF0200 NXP-PF0200 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PF0200Z NXP-PF0200Z Datasheet
2Mb / 118P
   12 Channel Configurable Power Management Integrated Circuit
Rev. 2.0, 11/2014
logo
KEC(Korea Electronics)
PF0224TE6 KEC-PF0224TE6 Datasheet
432Kb / 1P
   EMI Filtering TVS For USB Port
PF0224US6 KEC-PF0224US6 Datasheet
50Kb / 2P
   EMI Filtering TVS
PF0247TE6 KEC-PF0247TE6 Datasheet
436Kb / 1P
   EMI Filtering TVS
More results

Similar Description - PF0210

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
   MOS FET Power Amplifier Module for Mobile Phone
PF0121 HITACHI-PF0121 Datasheet
51Kb / 12P
   MOS FET Power Amplifier Module for GSM Mobile Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF00105A HITACHI-PF00105A Datasheet
62Kb / 11P
   MOS FET Power Amplifier Module for AMPS Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0415A HITACHI-PF0415A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for PCS 1900 Handy Phone
PF0414A HITACHI-PF0414A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0414B HITACHI-PF0414B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com