Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-22UYSYGC-S530-A5 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 67-22UYSYGC-S530-A5
Description  Bi-Color (Multi-Color) Top LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-22UYSYGC-S530-A5 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 67-22UYSYGC-S530-A5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 8 o11
Device No. DSE-672-064
prepared date:19-Jul-2006
Prepared by:Rita Shen
67-22UYSYGC/S530-A5/TR8
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel.
Note: Tolerances Unless Dimension ±0.1mm
Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 67-22UYSYGC-S530-A5

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
More results

Similar Description - 67-22UYSYGC-S530-A5

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-22VRVGC-TR8 EVERLIGHT-67-22VRVGC-TR8 Datasheet
194Kb / 10P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
67-22UYOSYGC-S530-A3-E2 EVERLIGHT-67-22UYOSYGC-S530-A3-E2 Datasheet
242Kb / 10P
   Bi-Color (Multi-Color) Top View LEDs
67-22SURSYGC-S530-A2-TR8 EVERLIGHT-67-22SURSYGC-S530-A2-TR8 Datasheet
184Kb / 10P
   Bi-Color (Multi-Color) Top View LEDs
67-22-R6BHC-B07-2T EVERLIGHT-67-22-R6BHC-B07-2T Datasheet
228Kb / 11P
   Bi-Color (Multi-color) Top Views LEDs
67-22USRSYGC-S530-A3-E3 EVERLIGHT-67-22USRSYGC-S530-A3-E3 Datasheet
182Kb / 11P
   Bi-Color Top View LEDs
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-226-R6GHC-A03-2T EVERLIGHT-19-226-R6GHC-A03-2T Datasheet
186Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com