Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-31E-RSC-AV1W2B9Z5-2T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-31E-RSC-AV1W2B9Z5-2T
Description  Power Top View LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-31E-RSC-AV1W2B9Z5-2T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-31E-RSC-AV1W2B9Z5-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-31E-RSC-AV1W2B9Z5-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-31E-RSC-AV1W2B9Z5-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-31E-RSC-AV1W2B9Z5-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-31E-RSC-AV1W2B9Z5-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-31E-RSC-AV1W2B9Z5-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-31E-RSC-AV1W2B9Z5-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-31E-RSC-AV1W2B9Z5-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-31E-RSC-AV1W2B9Z5-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:58.0
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 10
Device No. : DSE-67E-003
prepared date:07-Sep-2006
Prepared by: Rita Shen
67-31E/RSC-AV1W2B9Z5/2T
Absolute Maximum Ratings (TA=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
70
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
200
mA
Power Dissipation
Pd
200
mW
Electrostatic Discharge(HBM)
ESD
2000
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260
for 10 sec.
Hand Soldering : 350
for 3 sec.
Electronic Optical Characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit Condition
Luminous Intensity
Iv
715
-----
1800
mcd
IF=50mA
Viewing Angle
1/2
-----
120
-----
deg
IF=50mA
Peak Wavelength
λP
-----
632
-----
nm
IF=50mA
Dominant Wavelength
λd
617.5
-----
633.5
nm
IF=50mA
Spectrum Radiation
Bandwidth
λ
-----
20
-----
nm
IF=50mA
Forward Voltage
VF
2.15
-----
2.75
V
IF=50mA
Reverse Current
IR
-----
-----
10
μA
VR=5V
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.1V


Similar Part No. - 67-31E-RSC-AV1W2B9Z5-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-31E-RSC-AV1W2B9Z5-2T EVERLIGHT-67-31E-RSC-AV1W2B9Z5-2T Datasheet
261Kb / 10P
   Power Top View LED
More results

Similar Description - 67-31E-RSC-AV1W2B9Z5-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-31A-GHC-YV1W2EZ3-2T EVERLIGHT-67-31A-GHC-YV1W2EZ3-2T Datasheet
172Kb / 10P
   Power Top View LED
EAPL3527WA7 EVERLIGHT-EAPL3527WA7 Datasheet
348Kb / 10P
   Power Top View LED
67-31A-SAC-AW1X2B9Z5-2T EVERLIGHT-67-31A-SAC-AW1X2B9Z5-2T Datasheet
154Kb / 10P
   Power Top View LED
EAPL3527BA5 EVERLIGHT-EAPL3527BA5 Datasheet
393Kb / 9P
   Power Top View LED
67-31A-B7C-AT1U2MZ3-2T EVERLIGHT-67-31A-B7C-AT1U2MZ3-2T Datasheet
186Kb / 10P
   Power Top View LED
EAPL3527GA7 EVERLIGHT-EAPL3527GA7 Datasheet
357Kb / 9P
   Power Top View LED
EAPL3527RA8 EVERLIGHT-EAPL3527RA8 Datasheet
357Kb / 9P
   Power Top View LED
EAPL3527WA0 EVERLIGHT-EAPL3527WA0 Datasheet
368Kb / 10P
   Power Top View LED
EAPL3527OA0 EVERLIGHT-EAPL3527OA0 Datasheet
338Kb / 9P
   Power Top View LED
EAPL3527BA3-AM EVERLIGHT-EAPL3527BA3-AM Datasheet
446Kb / 10P
   Power Top View LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com