Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4A-C16R2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FC4A-C16R2
Description  MicroSmart Performance
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-C16R2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FC4A-C16R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC4A-C16R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC4A-C16R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC4A-C16R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC4A-C16R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC4A-C16R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC4A-C16R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-C16R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers FC4A-C16R2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
MicroSmart Series
13
Programmable Logic Controllers
Analog I/O Expansion Modules
Features:
8 modules
0-10V, 4-20mA, RTD, Thermocouple, Thermistor inputs, 0-10V DC or
-10V DC to 10V DC output
12 or 16-bit resolution
Fast conversion time
Maximum of 56 I/O can be configured in the MicroSmart Pentra
system
Easy to configure using a Macro instruction in WindLDR
Modules
Appearance
Part Number
I/O Points
Input
Output
Resolution
Terminal
FC4A-J8C1
8 (8 inputs)
0-10V DC, 4-20mA
16-bit (0-50000)
Removable Screw
Terminals
FC4A-L03A1
3 (2 inputs, 1 output)
0-10V DC, 4-20mA
12-bit (0-4095)
FC4A-J2A1
2 (2 inputs)
FC4A-J4CN1
4 (4 inputs)
0-10V DC, 4-20mA, RTD,
Thermocouple
16-bit (0-50000)
FC4A-L03AP1
3 (2 inputs, 1 output)
RTD, Thermocouple
0-10V DC, 4-20mA
12-bit (0-4095)


Similar Part No. - FC4A-C16R2

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
FC4A-AS62M IDEC-FC4A-AS62M Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J2A1 IDEC-FC4A-J2A1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J4CN1 IDEC-FC4A-J4CN1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J8AT1 IDEC-FC4A-J8AT1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J8C1 IDEC-FC4A-J8C1 Datasheet
212Kb / 2P
   PLC High Density Analog I/O Module
More results

Similar Description - FC4A-C16R2

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
FC6A IDEC-FC6A Datasheet
210Kb / 1P
   MicroSmart FC6A PLC
FC4A-L03A1 IDEC-FC4A-L03A1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Advanced Power Electron...
AP6942GMT-HF A-POWER-AP6942GMT-HF Datasheet
134Kb / 7P
   Good Thermal Performance, Fast Switching Performance
logo
Power-One
PFC500 POWER-ONE-PFC500 Datasheet
206Kb / 4P
   PerFormanCe POWER
logo
Feature Integration Tec...
F75334DG FINTEK-F75334DG Datasheet
1Mb / 66P
   Performance Controller
logo
Kemet Corporation
T356J156K035AT KEMET-T356J156K035AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356B475K016AT KEMET-T356B475K016AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
logo
List of Unclassifed Man...
ANT-868-PML ETC2-ANT-868-PML Datasheet
109Kb / 1P
   Outstanding performance
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com