Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9926GEO-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP9926GEO-HF
Description  Low On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9926GEO-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP9926GEO-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9926GEO-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9926GEO-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9926GEO-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP9926GEO-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
20
25
30
35
40
23
45
V GS , Gate-to-Source Voltage (V)
I D = 4A
T A =25
o C
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
V DS , Drain-to-Source Voltage (V)
T C =25
o C
V G =2.0V
4.5V
4.0V
3.5V
3.0V
2.5V
0
6
12
18
24
0.0
0.5
1.0
1.5
2.0
2.5
V DS , Drain-to-Source Voltage (V)
T C =150
o C
V G =2.0V
4.5V
4.0V
3.5V
3.0V
2.5V
0.6
0.8
1.0
1.2
1.4
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = 4A
V G =4.5V
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.2
0.6
1.0
1.4
-50
0
50
100
150
T j , Junction Temperature (
o C)


Similar Part No. - AP9926GEO-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9926GEO-HF A-POWER-AP9926GEO-HF_16 Datasheet
63Kb / 5P
   Surface Mount Package
More results

Similar Description - AP9926GEO-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com