Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HK10052N7-T Datasheet(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc

Part # HK10052N7-T
Description  MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HK10052N7-T Datasheet(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc

Back Button HK10052N7-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc HK10052N7-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc HK10052N7-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc HK10052N7-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc HK10052N7-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc HK10052N7-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc HK10052N7-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc HK10052N7-T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc HK10052N7-T Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_mlci_pack_e-E03R01
②Taping material
Card board carrier tape
Top tape
Base tape
Sprocket hole
Bottom tape
Chip cavity
Chip Filled
Chip
CK
1608
CKP
1608
CK
2125
CKS
2125
LK
1005
LK
1608
LK
2125
HK
0402
HK
0603
HK
1005
HK
1608
HKQ
0402
HKQ
0603
AQ
105
BK
0402
BK
0603
BK
1005
BK
1608
BK
2125
BK
2010
BKP
0402
BKP
0603
BKP
1005
BKP
1608
BKP
2125
BKH
0603
BKH
1005
MCF
0605
Embossed Tape
Top tape
Base tape
Sprocket hole
Chip cavity
Chip Filled
Chip
CK
2125
CKS
2125
CKP
2012
CKP
2016
CKP
2520
NM
2012
NM
2520
LK
2125
HKQ
0402
HK
2125
BK
2125
BK
3216
MCF
0806
MCF
1210
MCF
2010
③Taping Dimensions
Paper tape (8mm wide)


Similar Part No. - HK10052N7-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK10052N7-T TAIYO-YUDEN-HK10052N7-T Datasheet
659Kb / 32P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK10052N7-T TAIYO-YUDEN-HK10052N7-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
More results

Similar Description - HK10052N7-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK1005R22J-T TAIYO-YUDEN-HK1005R22J-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK100582NJ-T TAIYO-YUDEN-HK100582NJ-T Datasheet
186Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10051N0S-T TAIYO-YUDEN-HK10051N0S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10057N5J-T TAIYO-YUDEN-HK10057N5J-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK06031N0S-T TAIYO-YUDEN-HK06031N0S-T_V01 Datasheet
267Kb / 2P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK100547NJ-T TAIYO-YUDEN-HK100547NJ-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK0603R10J-T TAIYO-YUDEN-HK0603R10J-T Datasheet
659Kb / 32P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK06035N6S-T TAIYO-YUDEN-HK06035N6S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK160827NJ-T TAIYO-YUDEN-HK160827NJ-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK0603R10J-T TAIYO-YUDEN-HK0603R10J-T_V01 Datasheet
267Kb / 2P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK1608R22J-T TAIYO-YUDEN-HK1608R22J-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com