Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK316AB7106ML-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK316AB7106ML-T
Description  High Value Multilayer Ceramic Capacitors (High dielectric type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK316AB7106ML-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  EMK316AB7106ML-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EMK316AB7106ML-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
10LA08
RoHS compliance product
EMK316AB7106ML
16V 3216 X7R 10uF +/-20% t=1.8mmMAX
16V 1206 X7R 10uF +/-20% t=0.071inchMAX
EMK316AB7106ML
DC Bias Char.
-100
-80
-60
-40
-20
0
20
02
46
8
10
12
14
16
DC Bias Voltage[V]
EMK316AB7106ML
Capacitance Temp.
-30
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
105 125
Temperature[degreeC]
EMK316AB7106ML
Capacitance Freq.
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000 10000
Frequency[MHz]
EMK316AB7106ML
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000 10000
Frequency[MHz]
ESR
Z
EMK316AB7106ML
Ripple Current
1
10
100
00.5
11.5
22.5
33.5
4
Ripple Current[Arms]
10KHz
100KHz
1M Hz
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification


Similar Part No. - EMK316AB7106ML-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK316AB7106ML8T TAIYO-YUDEN-EMK316AB7106ML8T Datasheet
470Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
EMK316AB7106MLHT TAIYO-YUDEN-EMK316AB7106MLHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - EMK316AB7106ML-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK042BJ472MC-W TAIYO-YUDEN-LMK042BJ472MC-W Datasheet
288Kb / 2P
   Value Multilayer Ceramic Capacitors (High dielectric type)
LMK316F226ZL-T TAIYO-YUDEN-LMK316F226ZL-T Datasheet
312Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK107BJ105KA-T TAIYO-YUDEN-LMK107BJ105KA-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK325BJ226MM-T TAIYO-YUDEN-LMK325BJ226MM-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
CEJMK212BJ476MG-T TAIYO-YUDEN-CEJMK212BJ476MG-T Datasheet
137Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ105KV-F TAIYO-YUDEN-TMK105BJ105KV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ153MV-F TAIYO-YUDEN-TMK105BJ153MV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK105BJ104MV-F TAIYO-YUDEN-GMK105BJ104MV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ472MP-F TAIYO-YUDEN-TMK063BJ472MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK063BJ223MP-F TAIYO-YUDEN-LMK063BJ223MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK105F473ZV-F TAIYO-YUDEN-EMK105F473ZV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com