Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48CA0 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT48CA0
Description  8-bit Microcontroller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA0 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT48CA0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
System Architecture
Execution flow
The HT48CA0 system clock can be derived from
a crystal/ceramic resonator oscillator. It is in-
ternally divided into four non-overlapping
clocks. One instruction cycle consists of four
system clock cycles.
Instruction fetching and execution are pipe-
lined in such a way that a fetch takes one in-
struction cycle while decoding and execution
takes the next instruction cycle. However, the
pipelining scheme causes each instruction to
effectively execute within one cycle. If an in-
struction changes the program counter, two cy-
cles are required to complete the instruction.
Program counter – PC
The 10-bit program counter (PC) controls the
sequence in which the instructions stored in
program ROM are executed and its contents
specify a maximum of 1024 addresses.
After accessing a program memory word to
fetch an instruction code, the contents of the
program counter are incremented by one. The
program counter then points to the memory
word containing the next instruction code.
When executing a jump instruction, conditional
skip execution, loading PCL register, subrou-
tine call, initial reset or return from subroutine,
the PC manipulates the program transfer by
loading the address corresponding to each in-
struction.
The conditional skip is activated by instruction.
Once the condition is met, the next instruction,
fetched during the current instruction execu-
tion, is discarded and a dummy cycle replaces it
to get the proper instruction. Otherwise pro-
ceed with the next instruction.
The lower byte of the program counter (PCL) is
a readable and writeable register (06H). Mov-
ing data into the PCL performs a short jump.
The destination will be within 256 locations.
When a control transfer takes place, an addi-
tional dummy cycle is required.
Program memory – ROM
The program memory is used to store the pro-
gram instructions which are to be executed. It
also contains data and table and is organized
into 1024
×14 bits, addressed by the program
counter and table pointer.
Certain locations in the program memory are
reserved for special usage:
Location 000H
This area is reserved for the initialization
program. After chip reset, the program always
begins execution at location 000H.
Table location
Any location in the ROM space can be used as
look-up tables. The instructions TABRDC [m]
(the current page, 1 page=256 words) and
TABRDL [m] (the last page) transfer the con-
tents of the lower-order byte to the specified
Execution flow
HT48CA0
7
23rd July ’98


Similar Part No. - HT48CA0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA0-1 HOLTEK-HT48CA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA0-2 HOLTEK-HT48CA0-2 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48CA0-3 HOLTEK-HT48CA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
More results

Similar Description - HT48CA0

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com