Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R05A-1 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT48R05A-1
Description  8-Bit OTP Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R05A-1 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT48R05A-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R05A-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R05A-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R05A-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R05A-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R05A-1 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R05A-1 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R05A-1 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R05A-1 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
HT48R05A-1
11
February 25, 2000
Preliminary
request flag (EIF; bit 4 of INTC) will be set.
When the interrupt is enabled, the stack is not
full and the external interrupt is active, a sub-
routine call to location 04H will occur. The in-
terrupt request flag (EIF) and EMI bits will be
cleared to disable other interrupts.
The internal timer/event counter interrupt is
initialized by setting the timer/event counter
interrupt request flag (TF; bit 5 of INTC),
caused by a timer overflow. When the interrupt
is enabled, the stack is not full and the TF bit is
set, a subroutine call to location 08H will occur.
The related interrupt request flag (TF) will be
reset and the EMI bit cleared to disable further
interrupts.
During the execution of an interrupt subroutine,
other interrupt acknowledgments are held until
the "RETI" instruction is executed or the EMI
bit and the related interrupt control bit are set to
1 (of course, if the stack is not full). To return
from the interrupt subroutine, "RET" or "RETI"
may be invoked. RETI will set the EMI bit to en-
able an interrupt service, but RET will not.
Interrupts, occurring in the interval between
the rising edges of two consecutive T2 pulses,
will be serviced on the latter of the two T2
pulses, if the corresponding interrupts are en-
abled. In the case of simultaneous requests the
following table shows the priority that is ap-
plied. These can be masked by resetting the
EMI bit.
No. Interrupt Source Priority Vector
a
External Interrupt
1
04H
b
Timer/event
Counter Overflow
2
08H
The timer/event counter interrupt request flag
(TF), external interrupt request flag (EIF), en-
able timer/event counter bit (ETI), enable ex-
ternal interrupt bit (EEI) and enable master
interrupt bit (EMI) constitute an interrupt con-
trol register (INTC) which is located at 0BH in
the data memory. EMI, EEI, ETI are used to
control the enabling/disabling of interrupts.
These bits prevent the requested interrupt
from being serviced. Once the interrupt request
flags (TF, EIF) are set, they will remain in the
INTC register until the interrupts are serviced
or cleared by a software instruction.
It is recommended that a program does not
use the "CALL subroutine" within the inter-
rupt subroutine. Interrupts often occur in an
unpredictable manner or need to be serviced
immediately in some applications. If only one
stack is left and enabling the interrupt is not
well controlled, the original control sequence will
Register
Bit No.
Label
Function
INTC
(0BH)
0
EMI
Controls the master (global) interrupt
(1= enabled; 0= disabled)
1
EEI
Controls the external interrupt
(1= enabled; 0= disabled)
2
ETI
Controls the timer/event counter interrupt
(1= enabled; 0= disabled)
3
¾
Unused bit, read as "0"
4
EIF
External interrupt request flag
(1= active; 0= inactive)
5TF
Internal timer/event counter request flag
(1= active; 0= inactive)
6
¾
Unused bit, read as "0"
7
¾
Unused bit, read as "0"
INTC register


Similar Part No. - HT48R05A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R05A-1 HOLTEK-HT48R05A-1 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
More results

Similar Description - HT48R05A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
   8-Bit OTP Microcontroller
HT48R06A-1 HOLTEK-HT48R06A-1 Datasheet
319Kb / 44P
   8-Bit OTP Microcontroller
logo
ELAN Microelectronics C...
EM78P569A EMC-EM78P569A Datasheet
812Kb / 76P
   8-Bit OTP Microcontroller
logo
Feeling Technology Corp...
FM8PE53B FEELING-FM8PE53B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com