Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R05A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48R05A
Description  8-Bit OTP Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R05A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48R05A Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC)
3.3V
¾
400
¾
4000 kHz
5V
¾
400
¾
8000 kHz
fSYS2
System Clock (RC OSC)
3.3V
¾
400
¾
4000 kHz
5V
¾
400
¾
4000 kHz
fTIMER
Timer I/P Frequency (TMR)
3.3V
¾
0
¾
4000 kHz
5V
¾
0
¾
4000 kHz
tWDTOSC Watchdog Oscillator
3.3V
¾
43
86
168
ms
5V
¾
35
65
130
ms
tWDT1
Watchdog time-out Period
(RC)
3.3V Without WDT
prescaler
11
22
43
ms
5V
9
17
35
ms
tWDT2
Watchdog Time-out Period
(System Clock)
¾
Without WDT
prescaler
¾
1024
¾
tSYS
tRES
External Reset Low Pulse
Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer
Period
¾
Power-up, reset or
wake-up from Halt
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
HT48R05A-1
5
February 25, 2000
Preliminary


Similar Part No. - HT48R05A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R05A-1 HOLTEK-HT48R05A-1 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
More results

Similar Description - HT48R05A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
   8-Bit OTP Microcontroller
HT48R06A-1 HOLTEK-HT48R06A-1 Datasheet
319Kb / 44P
   8-Bit OTP Microcontroller
logo
ELAN Microelectronics C...
EM78P569A EMC-EM78P569A Datasheet
812Kb / 76P
   8-Bit OTP Microcontroller
logo
Feeling Technology Corp...
FM8PE53B FEELING-FM8PE53B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com