Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49C10 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT49C10
Description  8-Bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C10 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT49C10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
HT49C10
10
September 28, 1999
Instruction(s)
Table Location
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table location
tents of the lower-order byte to the specified
data memory, and the contents of the
higher-order byte to TBLH (table higher-order
byte register) (08H). Only the destination of
the lower-order byte in the table is
well-defined; the other bits of the table word
are all transferred to the lower portion of
TBLH, and the remaining two bits are both
read as ²0². The TBLH is read only, and the ta-
ble pointer (TBLP) is a read/write register
(07H), indicating the table location. Before ac-
cessing the table, the location should be placed
in TBLP. All the table related instructions re-
quire two cycles to complete the operation.
These areas may function as a normal ROM
dependingupontherequirements.
Stack register - STACK
The stack register is a special part of the mem-
ory used to save the contents of the PC. The
stack is organized into four levels and is neither
part of the data nor part of the program, and is
neither readable nor writeable. Its activated
level is indexed by a stack pointer (SP) and is
neither readable nor writeable. At a commence-
ment of a subroutine call or an interrupt ac-
knowledgment, the contents of the PC is
pushed onto the stack. At the end of the subrou-
tine or interrupt routine, signaled by a return
instruction (RET or RETI), the contents of the
PC is restored to its previous value from the
stack. After chip reset, the SP will point to the
top of the stack.
If the stack is full and a non-masked interrupt
takes place, the interrupt request flag is recorded
but the acknowledgment is still inhibited. Once
the SP is decremented (by RET or RETI), the in-
terrupt is serviced. This feature prevents stack
overflow, allowing the programmer to use the
structure easily. Likewise, if the stack is full,
and a ²CALL² is subsequently executed, a stack
overflow occurs and the first entry is lost (only
the most recent four return addresses are stored).
Data memory - RAM
The data memory (RAM) is designed with 81´8
bits, and is divided into two functional groups,
namely special function registers and general
purpose data memory, most of which are read-
able/writeable, although some are read only.
Of the two types of functional groups, the special
function registers consist of an indirect addressing
register 0 (00H), a memory pointer register 0
(MP0; 01H), an indirect addressing register 1 (02H),
a memory pointer register 1 (MP1;03H), a bank
pointer (BP;04H), an accumulator (ACC;05H), a
program counter lower-order byte register
(PCL;06H), a table pointer (TBLP;07H), a table
higher-order byte register (TBLH;08H), a real
time clock control register (RTCC;09H), a status
register (STATUS;0AH), an interrupt control reg-
ister 0 (INTC0;0BH), a timer/event counter
(TMR;0DH), a timer/event counter control register
(TMRC; 0EH), I/O registers (PA;12H, PB;14H),
and interrupt control register 1 (INTC1;1EH). On
the other hand, the general purpose data memory,
addressed from 20H to 5FH, is used for data and
control information under instruction commands.
The areas in the RAM can directly handle
arithmetic, logic, increment, decrement, and
rotate operations. Except for some dedicated
bits, each bit in the RAM can be set and reset by
²SET [m].i² and ²CLR [m].i². They are also indi-
rectly accessible through the memory pointer
Note: *9~*0: Table location bits
@7~@0: Table pointer bits
P9~P8: Current program counter bits


Similar Part No. - HT49C10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49C10-1 HOLTEK-HT49C10-1 Datasheet
259Kb / 38P
   LCD Type 8-Bit MCU
HT49C10-1 HOLTEK-HT49C10-1 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49C10-1 HOLTEK-HT49C10-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
More results

Similar Description - HT49C10

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com