Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CTQ80 Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 16CTQ80
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

16CTQ80 Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  16CTQ80 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 16CTQ80 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 16CTQ80 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 16CTQ80 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 16CTQ80 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd 16CTQ80 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0610, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http:// www.smc-diodes.com • E-Mail Address - sales@ sangdest.com.cn •
16CTQ080/100
16CTQ080/100/S
16CTQ080/100/-1
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 8A, Pulse, TJ = 25 °C
@ 16A, Pulse, TJ = 25 °C
0.75
0.88
V
Forward Voltage Drop
*
VF2
@ 8A, Pulse, TJ = 125 °C
@ 16A, Pulse, TJ = 125 °C
0.58
0.69
V
Reverse Current at DC
condition
IR1
@VR = rated VR
TJ = 25 °C
0.55
mA
Reverse Current
IR2
@VR = rated VR
TJ = 125 °C
7.0
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
500
pF
Typical Series Inductance
LS
Measured lead to lead 5 mm from
package body
8.0
nH
Voltage Rate of
Change(Rated VR)
dv/dt
-
10,000
V/
μs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
°C
Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
3.25
°C/W
Typical Thermal Resistance,
case to Heat Sink
Rθcs
Mounting surface, smooth and
greased
0.50
°C/W
Approximate Weight
wt
-
2/1.41
g
Case Style
TO-220AB,D
2PAK,TO-262(Suffix“s”for D2PAK; Suffix“-1”for TO-262)


Similar Part No. - 16CTQ80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTQ80 IRF-16CTQ80 Datasheet
199Kb / 8P
   SCHOTTKY RECTIFIER
16CTQ80-1 IRF-16CTQ80-1 Datasheet
199Kb / 8P
   SCHOTTKY RECTIFIER
16CTQ80S IRF-16CTQ80S Datasheet
199Kb / 8P
   SCHOTTKY RECTIFIER
More results

Similar Description - 16CTQ80

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com