Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAW125S-12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UAW125S-12
Description  Autoranging input
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UAW125S-12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UAW125S-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers UAW125S-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers UAW125S-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
¡OVERCURRENT CHARACTERISTICS (UAW125S-5)
¡STATIC CHARACTERISTICS (UAW125S-5)
¡RISE TIME & FALL TIME (UAW125S-5)
¡DERATING CURVE
UAW
A-173
UAW125S
External view
¶Dimensions with (
)is for reference
¶Dimensions in mm.
¶Tolerance :
t1
¶Weight : 550g or less (without cover)
¶Safety cover attached
¶Cover is optional
¶Mounting torque:
1.2N . m(12.8kgf . cm)max
I/O Connector
B4B-XH-A
XHP-4
Chain: SXH-001T-P0.6
Loose: BXH-001T-P0.6
(Mfr.J.S.T.)
Mating Connector
Terminal
Performance data


Similar Description - UAW125S-12

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
   AC INPUT - AUTORANGING
FARM-AC POWERBOX-FARM-AC Datasheet
254Kb / 1P
   Autoranging 115/230VAC input
FARM1C11 POWERBOX-FARM1C11 Datasheet
385Kb / 1P
   AUTORANGING AC INPUT WITH FILTER
logo
Extech Instruments Corp...
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
   Mini Autoranging MultiMeter
logo
List of Unclassifed Man...
MS8211 ETC1-MS8211 Datasheet
3Mb / 1P
   PEN-TYPE AUTORANGING
logo
Powerbox
FLATPAC POWERBOX-FLATPAC Datasheet
165Kb / 2P
   Inputs - 115/230VAC autoranging
logo
Extech Instruments Corp...
DM220 EXTECH-DM220 Datasheet
326Kb / 15P
   Pocket Autoranging DMM
MN16 EXTECH-MN16 Datasheet
368Kb / 14P
   Autoranging Mini Multimeter
logo
Vicor Corporation
FARM VICOR-FARM Datasheet
314Kb / 12P
   FARM Filter/ Autoranging Rectifier Module
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
   33/4 Digit, Autoranging Multimeter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com