Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAW125S-48 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UAW125S-48
Description  Autoranging input
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UAW125S-48 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UAW125S-48 Datasheet HTML 1Page - List of Unclassifed Manufacturers UAW125S-48 Datasheet HTML 2Page - List of Unclassifed Manufacturers UAW125S-48 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Home > Product Details
UAW125S
Model
Input
Voltage
[V]
Output
Wattage
[W]
DC
Output
[V/A]
UAW125S-3
AC 85 - 264
75
3V
25A
UAW125S-5
AC 85 - 264
125
5V
25A
UAW125S-12 AC 85 - 264
126
12V
10.5A
UAW125S-24 AC 85 - 264
124.8
24V
5.2A
UAW125S-48 AC 85 - 264
124.8
48V
2.6A
Features
Autoranging input
UL recognized, TV approved, CSA certified
Built-in Inrush Current Protection
Remote sensing
Parallel and Master-Slave operation
Thin profile
Built-in Over Current Protection
Built-in Over Voltage Protection
RoHS Compliant
Safety Agency Approvals
UL1950, CSA C22.2 No.234, EN60950, VDE0160
EMI Compliance
FCC-B
CISPR22-B
EN55022-B
VCCI-B
3 year warranty(refer to Instruction Manual)


Similar Description - UAW125S-48

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
   AC INPUT - AUTORANGING
FARM-AC POWERBOX-FARM-AC Datasheet
254Kb / 1P
   Autoranging 115/230VAC input
FARM1C11 POWERBOX-FARM1C11 Datasheet
385Kb / 1P
   AUTORANGING AC INPUT WITH FILTER
logo
Extech Instruments Corp...
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
   Mini Autoranging MultiMeter
logo
List of Unclassifed Man...
MS8211 ETC1-MS8211 Datasheet
3Mb / 1P
   PEN-TYPE AUTORANGING
logo
Powerbox
FLATPAC POWERBOX-FLATPAC Datasheet
165Kb / 2P
   Inputs - 115/230VAC autoranging
logo
Extech Instruments Corp...
DM220 EXTECH-DM220 Datasheet
326Kb / 15P
   Pocket Autoranging DMM
MN16 EXTECH-MN16 Datasheet
368Kb / 14P
   Autoranging Mini Multimeter
logo
Vicor Corporation
FARM VICOR-FARM Datasheet
314Kb / 12P
   FARM Filter/ Autoranging Rectifier Module
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
   33/4 Digit, Autoranging Multimeter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com