Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K68E Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT82K68E
Description  Multimedia Keyboard Encoder OTP
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68E Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT82K68E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
HT82K68E
10
August 8, 2000
Preliminary
(STATUS;0AH), the Interrupt Control register
(INTC;0BH), the timer counter register
(TMR;0DH), the timer counter control register
(TMRC;0EH), the I/O registers (PA;12H,
PB;14H, PC;16H, PD;18H, PE;1AH) and the I/O
control registers (PAC;13H, PBC;15H, PCC;17H,
PDC;19H, PEC;1BH). The remaining space be-
fore the 60H is reserved for future expanded us-
age and reading these locations will get the result
00H. The general purpose data memory, ad-
dressed from 60H to FFH, is used for data and
control information under instruction com-
mand.
All data memory areas can handle arithmetic,
logic, increment, decrement and rotate opera-
tions directly. Except for some dedicated bits,
each bit in the data memory can be set and re-
set by the SET [m].i and CLR [m].i instructions,
respectively. They are also indirectly accessible
through Memory pointer registers (MP0;01H,
MP1;03H).
Indirect addressing register
Location 00H and 02H are indirect addressing
registers that are not physically implemented.
Any read/write operation of [00H] and [02H]
can access the data memory pointed to by MP0
(01H) and MP1 (03H) respectively. Reading lo-
cation 00H or 02H indirectly will return the re-
sult 00H. Writing indirectly results in no
operation.
The function of data movement between two in-
direct addressing registers is not supported.
The memory pointer registers, MP0 and MP1,
are 8-bit registers which can be used to access
the data memory by combining corresponding
indirect addressing registers.
Accumulator
The accumulator is closely related to the ALU
operations. It is also mapped to location 05H of
the data memory and is capable of carrying out
immediate data operations. The data move-
ment between two data memory locations must
pass through the accumulator.
Arithmetic and logic unit - ALU
This circuit performs 8-bit arithmetic and logic
operation. The ALU provides the following func-
tions:
· Arithmetic operations (ADD, ADC, SUB,
SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data op-
eration but also changes the status register.
Status register - Status
The 8-bit status register (0AH) contains the
zero flag (Z), carry flag (C), auxiliary carry flag
(AC), overflow flag (OV), power down flag (PD)
and watch dog time-out flag (TO). The status
register not only records the status information
but also controls the operation sequence.
With the exception of the TO and PD flags, bits
in the status register can be altered by instruc-
tions like most other registers. Any data writ-
ten into the status register will not change the
TO or PD flags. It should be noted that opera-
tions related to the status register may give dif-
ferent results from those intended. The TO and
PD flags can only be changed by system power
up, Watchdog Timer overflow, executing the
HALT instruction and clearing the Watchdog
Timer.
The Z, OV, AC and C flags generally reflect the
status of the latest operations.
In addition, on entering an interrupt sequence
or executing a subroutine call, the status regis-
ter will not be automatically pushed onto the
stack. If the contents of status are important
and if the subroutine can corrupt the status
register, precaution must be taken to save it
properly.


Similar Part No. - HT82K68E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68E HOLTEK-HT82K68E Datasheet
270Kb / 39P
   Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
More results

Similar Description - HT82K68E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68E HOLTEK-HT82K68E_07 Datasheet
270Kb / 39P
   Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
   8-Bit USB Multimedia Keyboard Encoder OTP MCU
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
   Multimedia Keyboard Encoder 8-Bit Mask MCU
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
   8-Bit Multimedia Keyboard Encoder Mask MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com