Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M398A Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82M398A
Description  WIN2000 3D PS/2 Mouse Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M398A Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT82M398A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PS/2 mouse
· Data output
· Data input
HT82M398A
6
February 22, 2000
(1 )
( 3 )
(3 )
( 3 )
(3 )
( 4 )
1s t
CL K
2nd
CL K
10t h
CL K
11t h
CL K
D A T A
S t a r t B i t
B i t 0
Pa r i t y B i t
St o p B i t
T5
T3
T4
T1
T2
(2 )
(5 ) ( 7 )
CL K
(6 )
T i m i n g P ar am et er
T1
D A T A t r ans i t i on t o t he f a l l i ng edge of C LK
T2
R i s i n g edge o f C L K t o D A T A t r ans i t i o n
T3
In a c ti v e C L K D u r a t i o n
T4
A c ti v e C L K D u r a t i o n
T5
M i n i m u m t i m e t o i n h i bi t M O U S E af t e r c l oc k 11
M i n ./M a x .
T6
T 6
M a x i m u m ti m e to i n h i b i t M O U S E a fte r c l o c k 1 1 to e n s u r e
M O U S E doe s n o t s t ar t an ot he r t r a n s m i s s i o n
5/ 25 m se c
5/ T 4 - 5 m se c
30/ 50 m se c
30/ 50 m se c
< 50 m se c
>0 m se c
(1 )
(3 )
(4 )
I/O
I nhi bi t
2nd
CL K
10t h
CL K
11t h
CL K
D A T A
S t a r t B i t
B i t 0
P a r i ty B i t
S t o p B i t
T7
T8
T9
(5 )
( 7 )
CL K
(6 )
T i m i n g P ar am et er
T 7
CL K Du r a t i o n , l o w
T 8
CL K Du r a t i o n , h i g h
T 9
T i m e f r o m l o w t o h i gh C L K t r ans i t i o n t o t i m e w hen
MO U S E s a mpl e s D A T A l i n e
M i n . / M ax.
1s t
CL K
(2 )
9t h
CL K
(8 )
(5 )
30/ 50 m se c
30/ 50 m se c
5/ 25 m se c


Similar Part No. - HT82M398A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M398A HOLTEK-HT82M398A Datasheet
108Kb / 7P
   5-Key 3D WIN2000 PS/2 Mouse Controller
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
   5-Key 3D WIN2000 PS/2 Mouse Controller
More results

Similar Description - HT82M398A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
   5-Key 3D WIN2000 PS/2 Mouse Controller
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
   3D PS/2 Mouse Controller
logo
List of Unclassifed Man...
TP8472 ETC-TP8472 Datasheet
392Kb / 23P
   PS/2 3D 3Key Mouse Controller
TP8482 ETC-TP8482 Datasheet
425Kb / 26P
   PS/2 3D 5KEY MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
   3-Key 3D PS/2 Mouse Controller
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
logo
Holtek Semiconductor In...
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com