Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9974GJ-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9974GJ-HF
Description  Single Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9974GJ-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9974GJ-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9974GJ-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9974GJ-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9974GJ-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP9974GH/J-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Qrr
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4
Q
VG
4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
10
12
14
0
2040
6080
100
Q G , Total Gate Charge (nC)
I D =30 A
V DS =30 V
V DS =38 V
V DS =48 V
100
1000
10000
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.1
1
10
100
1000
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
100ms
DC
T C =25
o C
Single Pulse
0
20
40
60
80
100
02
46
8
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
Operation in this area
limited by RDS(ON)


Similar Part No. - AP9974GJ-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9974GJ-HF A-POWER-AP9974GJ-HF Datasheet
106Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9974GJ-HF A-POWER-AP9974GJ-HF Datasheet
102Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP9974GJ-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9973GS A-POWER-AP9973GS_14 Datasheet
107Kb / 4P
   Single Drive Requirement
AP9977GJ-HF A-POWER-AP9977GJ-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
AP9962AGH-HF A-POWER-AP9962AGH-HF_14 Datasheet
102Kb / 4P
   Single Drive Requirement
AP40T10GH-HF A-POWER-AP40T10GH-HF_14 Datasheet
54Kb / 4P
   Single Drive Requirement
AP40T10GR A-POWER-AP40T10GR_14 Datasheet
98Kb / 4P
   Single Drive Requirement
AP9977GH-HF A-POWER-AP9977GH-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
AP9972AGR-HF A-POWER-AP9972AGR-HF_14 Datasheet
100Kb / 4P
   Single Drive Requirement
AP9972GR A-POWER-AP9972GR_14 Datasheet
101Kb / 4P
   Single Drive Requirement
AP9979GH-HF A-POWER-AP9979GH-HF_14 Datasheet
101Kb / 4P
   Single Drive Requirement
AP6679GI-HF A-POWER-AP6679GI-HF_14 Datasheet
159Kb / 5P
   Single Drive Requirement
AP9452AGG-HF A-POWER-AP9452AGG-HF_14 Datasheet
99Kb / 4P
   Single Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com