Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC299MTCX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74AC299MTCX
Description  8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC299MTCX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74AC299MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74AC299MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74AC299MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74AC299MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74AC299MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74AC299MTCX Datasheet HTML 9Page - Fairchild Semiconductor 74AC299MTCX Datasheet HTML 10Page - Fairchild Semiconductor 74AC299MTCX Datasheet HTML 11Page - Fairchild Semiconductor 74AC299MTCX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC299, 74ACT299 Rev. 1.4.0
8
AC Operating Requirements for AC
Note:
7. Voltage range 3.3 is 3.3V
± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
S0 or S1 to CP
3.3
3.0
8.0
8.5
ns
5.0
2.0
5.0
5.5
tH
Hold Time, HIGH or LOW,
S0 or S1 to CP
3.3
−3.0
0.5
0.5
ns
5.0
−1.5
1.0
1.0
tS
Setup Time, HIGH or LOW,
I/On to CP
3.3
2.0
5.5
6.0
ns
5.0
1.0
3.5
4.0
tH
Hold Time, HIGH or LOW,
I/On to CP
3.3
−2.0
0
0
ns
5.0
−1.0
1.0
1.0
tS
Setup Time, HIGH or LOW,
DS0 or DS7 to CP
3.3
2.5
6.5
7.0
ns
5.0
1.5
4.0
4.5
tH
Hold Time, HIGH or LOW,
DS0 or DS7 to CP
3.3
−2.0
0
0.5
ns
5.0
−1.0
1.0
1.0
tW
CP Pulse Width, LOW
3.3
3.5
4.5
5.0
ns
5.0
2.0
3.5
3.5
tW
MR Pulse Width, LOW
3.3
4.0
4.5
5.0
ns
5.0
2.0
3.5
3.5
tREC
Recovery Time, MR to CP
3.3
0
1.5
1.5
ns
5.0
0.5
1.5
1.5


Similar Part No. - 74AC299MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC299MTC FAIRCHILD-74AC299MTC Datasheet
114Kb / 11P
   8-Input Universal Shift/Storage Register
More results

Similar Description - 74AC299MTCX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
National Semiconductor ...
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
National Semiconductor ...
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
   8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com