Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9976GM Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9976GM
Description  Lower On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9976GM Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9976GM_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9976GM_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9976GM_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9976GM_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Lower On-resistance
BVDSS
60V
▼ Simple Drive Requirement
RDS(ON)
20.5mΩ
▼ Fast Switching Characteristic
ID
7.6A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
62.5
/W
Data and specifications subject to change without notice
201106202
1
AP9976GM
Rating
RoHS-compliant Product
60
+20
7.6
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
-55 to 150
Continuous Drain Current
3
6
Pulsed Drain Current
1
40
Storage Temperature Range
2
-55 to 150
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Advanced Power MOSFETs from APEC provide the designer with
the best combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness.
The SO-8 package is widely preferred for commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.
S1
G1
S2
G2
D1
D1
D2
D2
G2
D2
S2
G1
D1
S1


Similar Part No. - AP9976GM_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9976GM-HF A-POWER-AP9976GM-HF Datasheet
56Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP9976GM_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4961GM A-POWER-AP4961GM_14 Datasheet
64Kb / 4P
   Lower On-resistance
AP2306AGN-HF A-POWER-AP2306AGN-HF_14 Datasheet
112Kb / 5P
   Lower on-resistance
AP2306CGN-HF A-POWER-AP2306CGN-HF_14 Datasheet
99Kb / 4P
   Lower on-resistance
AP2312GN A-POWER-AP2312GN_14 Datasheet
72Kb / 4P
   Lower on-resistance
AP6679GSP-HF A-POWER-AP6679GSP-HF_14 Datasheet
102Kb / 4P
   Lower On-resistance
AP9938GEY-HF A-POWER-AP9938GEY-HF_14 Datasheet
97Kb / 4P
   Lower on-resistance
AP2R803GM-HF A-POWER-AP2R803GM-HF_14 Datasheet
118Kb / 4P
   Lower On-resistance
AP9120GH-HF A-POWER-AP9120GH-HF_14 Datasheet
68Kb / 4P
   Lower On-resistance
AP9938GEY-HF A-POWER-AP9938GEY-HF_16 Datasheet
103Kb / 5P
   Lower on-resistance
AP2602GY-HF A-POWER-AP2602GY-HF_14 Datasheet
66Kb / 4P
   Lower On-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com