Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HT82V14 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part No. HT82V14
Description  14-Bit CCD/CIS Analog Signal Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V14 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings
Supply Voltage .............................-0.3V to 5.5V
Storage Temperature ......................0°Cto70°C
Input Voltage ................VSS-0.3V to VDD+0.3V
Operating Temperature ...............25°Cto50°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Conversion Rate
3-channel Mode with CDS
5V±10%
¾¾
¾
6
MSPS
1-channel Mode with CDS
5V±10%
¾¾
¾
5
MSPS
A/D Converter
Resolution
5V±10%
¾¾
14
¾
BIT
Integral Nonlinearity
(INL)
5V±10%
¾¾
±4.5
¾
LSB
Differential Nonlinearity
(DNL)
5V±10%
¾-0.5
¾
1.2
LSB
Analog Inputs
Full-scale Input Range
5V±10%
¾¾
4
¾
Vp-p
Input Limits
5V±10%
¾
AVDD-0.3 ¾ AVDD+0.3 V
Input Capacitance
5V±10%
¾¾
TBD
¾
pF
Input Current
5V±10%
¾¾
TBD
¾mA
Amplifiers
Coarse Gain Range
5V±10%
¾
1
¾
3
V/V
Coarse Gain Resolution
5V±10%
¾¾
2
¾
Bits
PGA Gain Range
5V±10%
¾
1
¾
2
V/V
PGA Gain Resolution
5V±10%
¾¾
5
¾
Bits
Offset Range
5V±10%
¾-200
¾
200
mV
Offset Resolution
5V±10%
¾¾
8
¾
Bits
HT82V14
3
July 12, 2000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn