Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1010 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SA1010
Description  Silicon PNP Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1010 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1010 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1010 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1010 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1010 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1010 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
2SA1010
DESCRIPTION
・With TO-220 package
・Complement to type 2SC2334
・Low collector saturation voltage
・Fast switching speed
APPLICATIONS
・Switching regulators
・DC/DC converters
・High frequency power amplifiers
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-100
V
VCEO
Collector-emitter voltage
Open base
-100
V
VEBO
Emitter-base voltage
Open collector
-7
V
IC
Collector current
-7
A
ICM
Collector current-Peak
-15
A
IB
Base current
-3.5
A
Ta=25℃
1.5
PT
Total power dissipation
TC=25℃
40
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
JMnic
Fig.1 simplified outline (TO-220) and symbol


Similar Part No. - 2SA1010

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1010 NEC-2SA1010 Datasheet
118Kb / 6P
   SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SA1010 ISC-2SA1010 Datasheet
164Kb / 3P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1010 SAVANTIC-2SA1010 Datasheet
141Kb / 5P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1010 JMNIC-2SA1010 Datasheet
180Kb / 5P
   Silicon PNP Power Transistors
logo
Renesas Technology Corp
2SA1010 RENESAS-2SA1010 Datasheet
242Kb / 8P
   SILICON POWER TRANSISTOR
More results

Similar Description - 2SA1010

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com