Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3704ZSLPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF3704ZSLPBF
Description  High Frequency Synchronous Buck
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3704ZSLPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF3704ZSLPBF Datasheet HTML 1Page - International Rectifier IRF3704ZSLPBF Datasheet HTML 2Page - International Rectifier IRF3704ZSLPBF Datasheet HTML 3Page - International Rectifier IRF3704ZSLPBF Datasheet HTML 4Page - International Rectifier IRF3704ZSLPBF Datasheet HTML 5Page - International Rectifier IRF3704ZSLPBF Datasheet HTML 6Page - International Rectifier IRF3704ZSLPBF Datasheet HTML 7Page - International Rectifier IRF3704ZSLPBF Datasheet HTML 8Page - International Rectifier IRF3704ZSLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IRF3704Z/S/LPbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.014
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.5
7.9
m
–––
9.1
11.1
VGS(th)
Gate Threshold Voltage
1.65
2.1
2.55
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.6
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
48
–––
–––
S
Qg
Total Gate Charge
–––
8.7
13
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.9
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.1
–––
nC
Qgd
Gate-to-Drain Charge
–––
2.3
–––
Qgodr
Gate Charge Overdrive
–––
2.4
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
3.4
–––
Qoss
Output Charge
–––
5.6
–––
nC
td(on)
Turn-On Delay Time
–––
8.9
–––
tr
Rise Time
–––
38
–––
td(off)
Turn-Off Delay Time
–––
11
–––
ns
tf
Fall Time
–––
4.2
–––
Ciss
Input Capacitance
–––
1220
–––
Coss
Output Capacitance
–––
390
–––
pF
Crss
Reverse Transfer Capacitance
–––
190
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
67
h
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
260
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
11
17
ns
Qrr
Reverse Recovery Charge
–––
2.3
3.5
nC
MOSFET symbol
VGS = 4.5V, ID = 17A e
–––
VGS = 4.5V
Typ.
–––
–––
ID = 17A
VGS = 0V
VDS = 10V
TJ = 25°C, IF = 17A, VDD = 10V
di/dt = 100A/µs
e
TJ = 25°C, IS = 17A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VDS = VGS, ID = 250µA
VDS = 16V, VGS = 0V
VDS = 16V, VGS = 0V, TJ = 125°C
Clamped Inductive Load
VDS = 10V, ID = 17A
VDS = 10V, VGS = 0V
VDD = 10V, VGS = 4.5V e
ID = 17A
VDS = 10V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 21A e
VGS = 20V
VGS = -20V
Conditions
5.7
Max.
36
17
ƒ = 1.0MHz


Similar Part No. - IRF3704ZSLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3704ZS IRF-IRF3704ZS Datasheet
297Kb / 12P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRF3704ZS ISC-IRF3704ZS Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF3704ZSPBF IRF-IRF3704ZSPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZSPBF IRF-IRF3704ZSPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Similar Description - IRF3704ZSLPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRLR8256 KERSEMI-IRLR8256 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
IRLR8113 KERSEMI-IRLR8113 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
   High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRF3704Z KERSEMI-IRF3704Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com