Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLRU2705 Datasheet(PDF) 5 Page - International Rectifier

Part # IRLRU2705
Description  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLRU2705 Datasheet(HTML) 5 Page - International Rectifier

  IRLRU2705 Datasheet HTML 1Page - International Rectifier IRLRU2705 Datasheet HTML 2Page - International Rectifier IRLRU2705 Datasheet HTML 3Page - International Rectifier IRLRU2705 Datasheet HTML 4Page - International Rectifier IRLRU2705 Datasheet HTML 5Page - International Rectifier IRLRU2705 Datasheet HTML 6Page - International Rectifier IRLRU2705 Datasheet HTML 7Page - International Rectifier IRLRU2705 Datasheet HTML 8Page - International Rectifier IRLRU2705 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRLR/U2705
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
5V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
175
0
5
10
15
20
25
30
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE


Similar Part No. - IRLRU2705

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRLRU210A FAIRCHILD-IRLRU210A Datasheet
234Kb / 7P
   Advanced Power MOSFET
IRLRU220A FAIRCHILD-IRLRU220A Datasheet
220Kb / 7P
   Advanced Power MOSFET
IRLRU230A FAIRCHILD-IRLRU230A Datasheet
229Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRLRU2905 IRF-IRLRU2905 Datasheet
145Kb / 11P
   HEXFET Power MOSFET
IRLRU2905PBF IRF-IRLRU2905PBF Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results

Similar Description - IRLRU2705

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com