Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLRU2705 Datasheet(PDF) 6 Page - International Rectifier

Part # IRLRU2705
Description  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLRU2705 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLRU2705 Datasheet HTML 2Page - International Rectifier IRLRU2705 Datasheet HTML 3Page - International Rectifier IRLRU2705 Datasheet HTML 4Page - International Rectifier IRLRU2705 Datasheet HTML 5Page - International Rectifier IRLRU2705 Datasheet HTML 6Page - International Rectifier IRLRU2705 Datasheet HTML 7Page - International Rectifier IRLRU2705 Datasheet HTML 8Page - International Rectifier IRLRU2705 Datasheet HTML 9Page - International Rectifier IRLRU2705 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRLR/U2705
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
0
50
100
150
200
250
25
50
75
100
125
150
175
J
A
Starting T , Junction Temperature (°C)
V
= 25V
I
TOP
6.6A
11A
BOTTOM
16A
DD
D


Similar Part No. - IRLRU2705

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRLRU210A FAIRCHILD-IRLRU210A Datasheet
234Kb / 7P
   Advanced Power MOSFET
IRLRU220A FAIRCHILD-IRLRU220A Datasheet
220Kb / 7P
   Advanced Power MOSFET
IRLRU230A FAIRCHILD-IRLRU230A Datasheet
229Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRLRU2905 IRF-IRLRU2905 Datasheet
145Kb / 11P
   HEXFET Power MOSFET
IRLRU2905PBF IRF-IRLRU2905PBF Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results

Similar Description - IRLRU2705

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com