Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9995GH-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9995GH-HF
Description  Simple Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9995GH-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9995GH-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9995GH-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9995GH-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9995GH-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP9995GH/J-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Total Power Dissipation
3
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Maximum Continuous Drain Current
v.s. Case Temperature
4
0.1
1
10
100
0.1
1
10
100
1000
V DS ,Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor = 0.5
Single Pulse
0
2
4
6
8
10
12
0
2
4
6
8
10
Q G , Total Gate Charge (nC)
I D =3A
V DS =45V
V DS =54V
V DS =72V
0
1000
2000
3000
4000
1
5
9
13
17
21
25
29
V DS ,Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
Operation in this area
limited by RDS(ON)
0
1.5
3
4.5
6
7.5
9
25
50
75
100
125
150
T C , Case Temperature (
o C )
0
2
4
6
8
10
0
2
4
6
8
10
12
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V


Similar Part No. - AP9995GH-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9995GH,J-HF A-POWER-AP9995GH,J-HF Datasheet
60Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP9995GH-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com