Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG2150 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HTG2150
Description  8-Bit 320 Pixel LCD Microcontroller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2150 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HTG2150 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD Conditions
VDD
Operating Voltage
¾¾
2.2
¾
3.6
V
IDD
Operating Current (RC OSC)
3V No load,
fSYS=4MHz
¾
12
mA
ISTB1
Standby Current With 7mA LCD Bias
Option (RTC ON, LCD ON)
3V No load,
HALT mode
¾¾
20
mA
ISTB2
Standby Current LCD Bias Off Option
(RTC ON, LCD OFF)
3V No load,
HALT mode
¾¾
5
mA
VIL1
Input Low Voltage for PA/PB
3V
¾
0
¾
0.9
V
VIH1
Input High Voltage for PA/PB
3V
¾
2.1
¾
3V
VIL2
Input Low Voltage (INT)3V
¾
0
¾
0.7
V
VIH2
Input High Voltage (INT)3V
¾
2.3
¾
3V
VIL3
Input Low Voltage (RES)3V
¾¾
1.5
¾
V
VIH3
Input High Voltage (RES)3V
¾¾
2.4
¾
V
IOH1
Port A, Port B Source Current
3V VOH=2.7V
-1
-2
¾
mA
IOH2
Segment, Common Output Source
Current
3V VOH=2.7V
-50
-90
¾mA
IOH3
PWM1/PWM2 Source Current
3V VOH=2.7V
-8
-10
¾
mA
IOL1
Port A, Port B Sink Current
3V VOL=0.3V
1.5
4
¾
mA
IOL2
Segment, Common Output
Sink Current
3V VOL=0.3V
80
130
¾mA
IOL3
PWM1/PWM2 Sink Current
3V VOH=0.3V
12
16
¾
mA
RPH
Pull-high Resistance of PA/PB and INT 3V
¾
40
60
80
kW
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS
System Clock (RC OSC)
3V
¾
400
¾
4000
kHz
2.4V
¾
400
¾
2000
2.2V
¾
400
¾
1000
tRES
External Reset Low Pulse Width ¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾ Power-up or
Wake-up from HALT
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note: tSYS=1/fSYS
HTG2150
6
July 24, 2000
Preliminary


Similar Part No. - HTG2150

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG2150 HOLTEK-HTG2150 Datasheet
318Kb / 38P
   8-Bit 320 Pixel Dot Matrix LCD MCU Series
HTG2150 HOLTEK-HTG2150_02 Datasheet
318Kb / 38P
   8-Bit 320 Pixel Dot Matrix LCD MCU Series
More results

Similar Description - HTG2150

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG2190 HOLTEK-HTG2190 Datasheet
417Kb / 64P
   8-Bit 1024 Pixel LCD Microcontroller
HTG2150 HOLTEK-HTG2150_02 Datasheet
318Kb / 38P
   8-Bit 320 Pixel Dot Matrix LCD MCU Series
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Finechips
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Holtek Semiconductor In...
HTG2190 HOLTEK-HTG2190_02 Datasheet
395Kb / 50P
   8-Bit 1024 Pixel Dot Matrix LCD MCU Series
logo
Megawin Technology Co.,...
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
   8-bit micro-controller with 320 dots LCD driver
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com