Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2533-1 Datasheet(PDF) 7 Page - NEC

Part # PS2533-1
Description  HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2533-1 Datasheet(HTML) 7 Page - NEC

Back Button PS2533-1 Datasheet HTML 3Page - NEC PS2533-1 Datasheet HTML 4Page - NEC PS2533-1 Datasheet HTML 5Page - NEC PS2533-1 Datasheet HTML 6Page - NEC PS2533-1 Datasheet HTML 7Page - NEC PS2533-1 Datasheet HTML 8Page - NEC PS2533-1 Datasheet HTML 9Page - NEC PS2533-1 Datasheet HTML 10Page - NEC PS2533-1 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
PS2533-1,-2,-4,PS2533L-1,-2,-4
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.15
1.40
V
Reverse Current
IR
VR = 5 V
5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
30
pF
Transistor
Collector to Emitter
Dark Current
ICEO
VCE = 350 V, IF = 0 mA
400
nA
Coupled
Current Transfer Ratio
(IC/IF)
CTR
IF = 1 mA, VCE = 2 V
1 500
4 000
6 500
%
Collector Saturation
Voltage
VCE (sat)
IF = 1 mA, IC = 2 mA
1.0
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.6
pF
Rise Time
*1
tr
VCC = 5 V, IC = 10 mA, RL = 100
100
µs
Fall Time
*1
tf
100
*1 Test circuit for switching time
(PW = 1 ms,
Duty cycle = 1/10)
Pulse input
VCC
VOUT
RL = 100
50
IF


Similar Part No. - PS2533-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2533-1 CEL-PS2533-1 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2533-1-A CEL-PS2533-1-A Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533-1-V CEL-PS2533-1-V Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2533-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2532-1 NEC-PS2532-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533-1 CEL-PS2533-1_03 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2535-1 CEL-PS2535-1 Datasheet
365Kb / 12P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com