Electronic Components Datasheet Search |
|
2SA1263N Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
|
2SA1263N Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
1 / 4 page JMnic Product Specification Silicon PNP Power Transistors 2SA1263N DESCRIPTION ・With TO-3P(I) package ・Complement to type 2SC3180N ・2SA1263 with short pin APPLICATIONS ・Power amplifier applications PINNING PIN DESCRIPTION 1 Emitter 2 Collector;connected to mounting base 3 Base Absolute maximum ratings(Ta=25℃) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter -80 V VCEO Collector-emitter voltage Open base -80 V VEBO Emitter-base voltage Open collector -5 V IC Collector current -6 A IB Base current -0.6 A PT Total power dissipation TC=25℃ 60 W Tj Junction temperature 150 ℃ Tstg Storage temperature -55~150 ℃ Fig.1 simplified outline (TO-3P(I)) and symbol |
Similar Part No. - 2SA1263N |
|
Similar Description - 2SA1263N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |