Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1264EY-3R3N Datasheet(PDF) 1 Page - TOKO, Inc

Part # 1264EY-3R3N
Description  Low Profile (H 5.0mm Max).
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1264EY-3R3N Datasheet(HTML) 1 Page - TOKO, Inc

  1264EY-3R3N Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DG6050C
Inductance Range: 1.2~100
H
(Unit: mm)
(Unit: mm)
FEATURES
特長
 Low Profile (H=5.0mm Max).
 Magnetic Shield.
 Ideal for a variety of DC-DC converter inductor
applications.
 RoHS compliant
 薄形構造(高さ5.0mm Max.)
 閉磁路構造
 各種機器のDC-DCコンバータ用インダクタに最適
 RoHS指令対応
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE DG6050C (Quantity/reel; 1500 PCS)
東光品番
インダクタンス
許容差
測定周波数
直流抵抗
最大許容電流
TOKO Part
Number
Inductance
L(
H)
Tolerance
(%)
Test
Frequency
(kHz)
DC
Resistance
(m
) Max. (Typ.)
Rated DC Current
(A) Max. (Typ.)
ΔL/L=30%
ΔT=40[
C]
1264EY-1R2N
1.2
30
100
14.4 (12)
9.8 (13)
6.3 (7.4)
1264EY-1R5N
1.5
30
100
16.8 (14)
8.3 (11)
5.5 (6.5)
1264EY-2R2N
2.2
30
100
19.2 (16)
7.8 (10)
5.3 (6.2)
1264EY-3R3N
3.3
30
100
25.2 (21)
6.5 (8.6)
4.8 (5.6)
1264EY-4R7M
4.7
20
100
34.8 (29)
5.4 (7.2)
3.7 (4.4)
1264EY-6R8M
6.8
20
100
42.0 (35)
4.4 (5.9)
3.4 (4.0)
1264EY-100M
10
20
100
54.0 (45)
3.5 (4.7)
3.1 (3.6)
1264EY-150M
15
20
100
104.4 (87)
3.0 (4.0)
2.1 (2.5)
1264EY-220M
22
20
100
132.0 (110)
2.3 (3.0)
1.8 (2.2)
1264EY-330M
33
20
100
204.0 (170)
1.9 (2.5)
1.4 (1.7)
1264EY-470M
47
20
100
312.0 (260)
1.7 (2.3)
1.2 (1.4)
1264EY-680M
68
20
100
390.0 (325)
1.4 (1.9)
1.1 (1.3)
1264EY-101M
100
20
100
552.0 (460)
1.2 (1.6)
0.9 (1.1)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを基
準とする。)
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - 1264EY-3R3N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1264EY-3R3N TOKO-1264EY-3R3N Datasheet
253Kb / 1P
   Ferrite Inductors
logo
Murata Manufacturing Co...
1264EY-3R3N MURATA-1264EY-3R3N Datasheet
740Kb / 2P
   Inductor
More results

Similar Description - 1264EY-3R3N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW5ATN501SQ2 MURATA1-DLW5ATN501SQ2_V01 Datasheet
339Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATZ112MQ2 MURATA1-DLW5ATZ112MQ2_V01 Datasheet
367Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATZ331MQ2 MURATA1-DLW5ATZ331MQ2_V01 Datasheet
366Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW44SN101SK2 MURATA1-DLW44SN101SK2_V01 Datasheet
399Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW5ATN151MQ2 MURATA1-DLW5ATN151MQ2_V01 Datasheet
420Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW44SM302SK2 MURATA1-DLW44SM302SK2 Datasheet
397Kb / 3P
   Low profile(h=1.5mm max.)
Last updated07/26/2022
DLW44SN851SK2 MURATA1-DLW44SN851SK2_V01 Datasheet
400Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW5ATN111SQ2 MURATA1-DLW5ATN111SQ2_V01 Datasheet
386Kb / 4P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATH331MQ2 MURATA1-DLW5ATH331MQ2 Datasheet
415Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATN112MQ2 MURATA1-DLW5ATN112MQ2_V01 Datasheet
421Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com