Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST113074 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST113074
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST113074 Datasheet(HTML) 1 Page - E-SWITCH

  ST113074 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP3T6B11M7REH
2:1
3/30/2010
ST113074
A
BLR
1
1
Without Locking
Ring
PANEL
With Standard
Locking Ring
POS. 1
POS. 2
A
18975
Released For Production
3/30/10
BLR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 (VA) @20V (AC or DC)
6. CONTACT RESISTANCE: 10 Milli-OHMS MAX.
7. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
8. INSULATION RESISTANCE: 1,000 Mega-ohm min.
9. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
13. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
2-3
OPEN
2-1
2
1
3
CIRCUIT: SPDT
E-SWITCH
LOGO ON
OPPOSITE SIDE
1
2
3
3
8.84
[.348 in]
12.70
[.500 in]
12.70
[.500 in]
3.81
[.150 in]
.51
[.020 in]
5.08
[.200 in]
12.70
[.500 in]
3.81
[.150 in]
n1.85
[.073 in]
TYP.
RECOMENDED PC MOUNTING
3.17
[.125 in]
2.69
[.106 in]
1.44
[.057 in]
7.55
[.297 in]
2.54
[.100 in]
12.30
[.484 in]
KEYWAY
1.27
[.050 in]
RATING
.50
[.020 in]
1.22
[.048 in]
6.86
[.270 in]
5.08
[.200 in]
EPOXY
SEAL
3.18
[.125 in]
.76
[.030 in]
1/4-40 UNS
THREADS
.85
[.033 in]
.52
[.020 in]
n2.38
[.094 in]
n6.35
[.250 in]
n 6.35
[.250 in]
6.10
[.240 in]
5.08
[.200 in]


Similar Part No. - ST113074

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST113071 E-SWITCH-ST113071 Datasheet
95Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST113073 E-SWITCH-ST113073 Datasheet
84Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST113075 E-SWITCH-ST113075 Datasheet
156Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST113076 E-SWITCH-ST113076 Datasheet
127Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST113077 E-SWITCH-ST113077 Datasheet
196Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST113074

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com