Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3A2-DS70M4T Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3A2-DS70M4T
Description  AC/DC Supply with Timer Models
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3A2-DS70M4T Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3A2-DS70M4T Datasheet HTML 1Page - Omron Electronics LLC E3A2-DS70M4T Datasheet HTML 2Page - Omron Electronics LLC E3A2-DS70M4T Datasheet HTML 3Page - Omron Electronics LLC E3A2-DS70M4T Datasheet HTML 4Page - Omron Electronics LLC E3A2-DS70M4T Datasheet HTML 5Page - Omron Electronics LLC E3A2-DS70M4T Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
E3A2
E3A2
Slim Sensor with Plug-in Outputs,
Built-in Time Delays
s
Plug-in replaceable outputs
s
Light-ON/Dark-ON operation, switch
selectable
s
Optional solid-state outputs
s
Polarized diffuse and through-beam
models
s
Timer models provide
selectable ON-delay, OFF-delay
and one-shot outputs
s
Standard with 3 A relay output
AC/DC Supply with Timer Models
E3A2
Ordering Information
Method of detection
Through-beam
Retroreflective
Diffuse reflective
Sensing distance
10 m (32.8 ft)
3 m (9.8 ft)
70 cm (27.6 in)
Part number
Without timer
E3A2-10M4
E3A2-R3M4
E3A2-DS70M4
ON-delay, OFF-delay, one-shot
E3A2-10M4T
E3A2-R3M4T
E3A2-DS70M4T
equal ON- and OFF-delays
(0.1 to 5 seconds)
Independent ON-delays and
E3A2-10M4D
E3A2-R3M4D
E3A2-DS70M4D
OFF-delays (0.1 to 5 seconds)
s SENSORS
Description
Part number
Solid-state
AC (SCR) output module; 200 mA, 250 VAC max. load
G3K-2R2P-1
output
DC NPN output module; 200 mA, 30 VDC max. load, dual complementary
G3KD-YR2P-1
modules
DC PNP output module; 200 mA, 30 VDC max. load, dual complementary
G3KD-YR2P-2
Reflector adapter for stud-mounting E39-R1 reflector
E39-L7
s ACCESSORIES
Description
Part number
Relay output module, SPDT, 3 A at 250 VAC (output supplied with each sensor)
G6C-2117P-DC8
Reflector (supplied with retroreflective sensor)
E39-R1
Mounting bracket (supplied with each sensor)
E39-L34
s REPLACEMENT PARTS


Similar Part No. - E3A2-DS70M4T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3A2-10L OMRON-E3A2-10L Datasheet
441Kb / 6P
   AC/DC Supply with Timer Models
E3A2-R3M4D OMRON-E3A2-R3M4D Datasheet
433Kb / 6P
   AC/DC Supply with Timer Models
E3A2-X OMRON-E3A2-X Datasheet
600Kb / 4P
   AC/DC Fiber-Optic with Relay Output
E3A2-XCM4 OMRON-E3A2-XCM4 Datasheet
600Kb / 4P
   AC/DC Fiber-Optic with Relay Output
E3A2-XCM4D OMRON-E3A2-XCM4D Datasheet
600Kb / 4P
   AC/DC Fiber-Optic with Relay Output
More results

Similar Description - E3A2-DS70M4T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3A2-10L OMRON-E3A2-10L Datasheet
441Kb / 6P
   AC/DC Supply with Timer Models
E3A2-R3M4D OMRON-E3A2-R3M4D Datasheet
433Kb / 6P
   AC/DC Supply with Timer Models
logo
Ohmite Mfg. Co.
PCA1000 OHMITE-PCA1000 Datasheet
78Kb / 1P
   PCA models for AC outputs PCD models for DC outputs
logo
CINCON ELECTRONICS Corp...
CFM150S CINCON-CFM150S Datasheet
504Kb / 2P
   AC-DC POWER SUPPLY WITH PFC
logo
MOSDESIGN SEMICONDUCTOR...
M6611 MOSDESIGN-M6611 Datasheet
138Kb / 5P
   AC Timer
2016-11-02
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com