Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N135-XXXE Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 6N135-XXXE
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

6N135-XXXE Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  6N135-XXXE Datasheet HTML 1Page - Agilent(Hewlett-Packard) 6N135-XXXE Datasheet HTML 2Page - Agilent(Hewlett-Packard) 6N135-XXXE Datasheet HTML 3Page - Agilent(Hewlett-Packard) 6N135-XXXE Datasheet HTML 4Page - Agilent(Hewlett-Packard) 6N135-XXXE Datasheet HTML 5Page - Agilent(Hewlett-Packard) 6N135-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard) 6N135-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) 6N135-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) 6N135-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
IF
SHIELD
HCPL-4503/0453
HCNW4503
8
6
5
GND
VCC
2
3
VO
ICC
VF
IO
ANODE
CATHODE
+
7
VB
IB
*
* NOTE: FOR HCPL-4502/-3, HCPL-0452/3,
HCNW4502/3, PIN 7 IS NOT CONNECTED.
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-4503#XXXX
020 = UL 5000 V rms/1 Minute Option*
060 = IEC/EN/DIN EN 60747-5-2 VIORM = 630 V peak Option**
300 = Gull Wing Surface Mount Option†
500 = Tape and Reel Packaging Option
XXXE = Lead Free Option
Option data sheets available. Contact your Agilent sales representative or authorized distributor for information.
*For 6N135/6 and HCPL-4502/3 only.
**For HCPL-4503 only. Combination of Option 020 and Option 060 is not available.
†Gull wing surface mount option applies to through hole parts only.
Schematic
Selection Guide
Widebody
Minimum CMR
8-Pin DIP (300 Mil)
Small-Outline SO-8
(400 Mil)
Hermetic
Current
Single
Dual
Single
Dual
Single
Single and
dV/dt
VCM
Transfer
Channel
Channel
Channel
Channel
Channel
Dual Channel
(V/
µs)
(V)
Ratio (%)
Package
Package*
Package
Package*
Package
Packages*
1,000
10
7
6N135
HCPL-2530
HCPL-0500
HCPL-0530
HCNW135
19
6N136
HCPL-2531
HCPL-0501
HCPL-0531
HCNW136
HCPL-4502†
HCPL-0452†
HCNW4502†
15
HCPL-2502
15,000
1500
19
HCPL-4503†
HCPL-4534
HCPL-0453†
HCPL-0534
HCNW4503†
1,000
10
9
HCPL-55XX
HCPL-65XX
4N55
*Technical data for these products are on separate Agilent publications.
†Pin 7, transistor base, is not connected.
output current for 1 TTL load and
a 5.6 k
Ω pull-up resistor. CTR for
these devices is 19% minimum at
IF = 16 mA.
The HCPL-4502, HCPL-0452,
and HCNW4502 provide the
electrical and switching
performance of the 6N136,
HCPL-0501, and HCNW136 with
increased ESD protection.
The HCPL-4503, HCPL-0453,
and HCNW4503 are similar to the
HCPL-4502, HCPL-0452, and
HCNW4502 optocouplers but
have increased common mode
transient immunity of 15 kV/
µs
minimum at VCM = 1500 V
guaranteed.
These single channel optocoup-
lers are available in 8-Pin DIP,
SO-8 and Widebody package
configurations.
The 6N135, HCPL-0500, and
HCNW135 are for use in TTL/
CMOS, TTL/LSTTL or wide
bandwidth analog applications.
Current transfer ratio (CTR) for
these devices is 7% minimum at
IF = 16 mA.
The 6N136, HCPL-2502,
HCPL-0501, and HCNW136 are
designed for high speed TTL/TTL
applications. A standard 16 mA
TTL sink current through the
input LED will provide enough
Remarks: The notation “#” is used for existing products, while (new) products launched since 15th July
2001 and lead free option will use “-”


Similar Part No. - 6N135-XXXE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N135-X007 VISHAY-6N135-X007 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
6N135-X007T VISHAY-6N135-X007T Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
6N135-X007T VISHAY-6N135-X007T Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135-X017T VISHAY-6N135-X017T Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
6N135-X017T VISHAY-6N135-X017T Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
More results

Similar Description - 6N135-XXXE

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com