Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-261N Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-261N
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-261N Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-261N Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1-176
-60
0
TA – TEMPERATURE – °C
100
140
160
-20
40
20
60
-40
0
40
80
60
120
20
VCC = 5 V
IF = 3.5 mA
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω, 1 kΩ, 4 kΩ
trise
tfall
RL = 350 Ω
-60
0
TA – TEMPERATURE – °C
100
50
60
-20
20
20
60
-40
0
40
80
30
40
10
RL = 1 kΩ
RL = 350 Ω
VCC = 5 V
IF = 3.5 mA
RL = 4 kΩ
0
0
IF – PULSE INPUT CURRENT – mA
12
100
120
2
40
68
410
60
80
20
TPLH
RL = 4 kΩ
VCC = 5 V
TA = 25 °C
TPLH
RL = 1 kΩ
TPHL
RL = 350 Ω, 1 kΩ, 4 kΩ
TPLH
RL = 350 Ω
-60
0
TA – TEMPERATURE – °C
100
100
120
-20
40
20
60
-40
0
40
80
60
80
20
TPLH
RL = 4 k
TPLH
RL = 1 k
TPLH
RL = 350 k
TPHL
RL = 350 Ω, 1 kΩ, 4 kΩ
VCC = 5 V
IF = 3.5 mA
-60
0
TA – TEMPERATURE – °C
100
1.5
2.0
-20
0.5
20
60
-40
0
40
80
1.0
VCC = 5 V
VO = 0.6 V
RL = 350 Ω
RL = 1 kΩ
RL = 4 kΩ
Figure 10. Typical Input Threshold
Current vs. Temperature.
Figure 13. Typical Pulse Width
Distortion vs. Temperature.
Figure 11. Typical Propagation Delay
vs. Temperature.
Figure 12. Typical Propagation Delay
vs. Pulse Input Current.
Figure 14. Typical Rise and Fall Time
vs. Temperature.


Similar Part No. - HCPL-261N

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-261N HP-HCPL-261N Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-261N HP-HCPL-261N Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-261N HP-HCPL-261N Datasheet
159Kb / 15P
   遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261N AVAGO-HCPL-261N Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261N AVAGO-HCPL-261N Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
More results

Similar Description - HCPL-261N

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063A-000E AVAGO-HCPL-063A-000E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063N-000E AVAGO-HCPL-063N-000E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com