Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-061N Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-061N
Description  High CMR Line Receiver Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-061N Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-061N Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-061N Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-061N Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-061N Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-061N Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-061N Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-061N Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-061N Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-061N Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
1-324
GND BUS (BACK)
VCC BUS (FRONT)
ENABLE
(IF USED)
0.1µF
OUTPUT 1
NC
NC
ENABLE
(IF USED)
0.1µF
OUTPUT 2
NC
NC
10 mm MAX.
(SEE NOTE 1)
Figure 13. Test Circuit for Common Mode Transient Immunity and Typical
Waveforms.
Figure 12. Typical Rise and Fall Time
vs. Temperature.
-60
0
TA – TEMPERATURE – °C
100
300
-20
40
20
60
-40
0
40
80
60
290
20
VCC = 5 V
II = 7.5 mA
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω, 1 kΩ, 4 kΩ
tRISE
tFALL
RL = 350 Ω
+5 V
7
5
6
8
2
3
4
1
CC
V
0.1 µF
BYPASS
GND
OUTPUT V
MONITORING
NODE
O
PULSE
GENERATOR
Z
= 50
O
+
I I
B
A
CM
V
350
VO
0.5 V
O
V
(MIN.)
5 V
0 V
SWITCH AT A: I = 0 mA
I
SWITCH AT B: I = 7.5 mA
I
CM
V
H
CM
CML
O
V
(MAX.)
CM
V
(PEAK)
VO
Figure 15. Recommended Printed Circuit Board Layout.
Figure 14. Typical Input Threshold
Current vs. Temperature.
-60
0
TA – TEMPERATURE – °C
100
4
5
-20
2
20
60
-40
0
40
80
3
VCC = 5.0 V
VO = 0.6 V
1
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω


Similar Part No. - HCPL-061N

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-061N HP-HCPL-061N Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-061N HP-HCPL-061N Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-061N HP-HCPL-061N Datasheet
159Kb / 15P
   遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-061N AVAGO-HCPL-061N Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-061N AVAGO-HCPL-061N Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
More results

Similar Description - HCPL-061N

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602-300E AVAGO-HCPL-2602-300E Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com