Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTL-2000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCTL-2000
Description  Quadrature Decoder/Counter Interface ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL-2000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCTL-2000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2-182
Switching Characteristics
Table 5. Switching Characteristics Min/Max specifications at VDD = 5.0 ± 5%, TA = -40 to + 85°C.
Symbol Description
Min.
Max.
Units
1tCLK
Clock period
70
ns
2tCHH
Pulse width, clock high
28
ns
3tCD[1]
Delay time, rising edge of clock to valid, updated count
65
ns
information on D0-7
4tODE
Delay time, OE fall to valid data
65
ns
5tODZ
Delay time, OE rise to Hi-Z state on D0-7
40
ns
6tSDV
Delay time, SEL valid to stable, selected data byte
65
ns
(delay to High Byte = delay to Low Byte)
7tCLH
Pulse width, clock low
28
ns
8tSS[2]
Setup time, SEL before clock fall
20
ns
9tOS[2]
Setup time, OE before clock fall
20
ns
10
tSH[2]
Hold time, SEL after clock fall
0
ns
11
tOH[2]
Hold time, OE after clock fall
0
ns
12
tRST
Pulse width, RST low
28
ns
13
tDCD
Hold time, last position count stable on D0-7 after clock rise
10
ns
14
tDSD
Hold time, last data byte stable after next SEL state change
5
ns
15
tDOD
Hold time, data byte stable after OE rise
5
ns
16
tUDD
Delay time, U/D valid after clock rise
45
ns
17
tCHD
Delay time, CNTDCDR or CNTCAS high after clock rise
45
ns
18
tCLD
Delay time, CNTDCDR or CNTCAS low after clock fall
45
ns
19
tUDH
Hold time, U/D stable after clock rise
10
ns
20
tUDCS
Setup time, U/D valid before CNTDCDR or CNTCAS rise
tCLK-45
ns
21
tUDCH
Hold time, U/D stable after CNTDCDR or CNTCAS rise
tCLK-45
ns
Notes:
1. tCD specification and waveform assume latch not inhibited.
2. tSS, tOS, tSH, tOH only pertain to proper operation of the inhibit logic. In other cases, such as 8 bit read operations, these setup
and hold times do not need to be observed.
Figure 3. Tri-State Output Timing.


Similar Part No. - HCTL-2000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-2000 HP-HCTL-2000 Datasheet
335Kb / 19P
   Quadrature Decoder/Counter Interface ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2000 AVAGO-HCTL-2000 Datasheet
185Kb / 19P
   Quadrature Decoder/Counter Interface ICs
HCTL-2000 AVAGO-HCTL-2000_06 Datasheet
185Kb / 19P
   Quadrature Decoder/Counter Interface ICs
More results

Similar Description - HCTL-2000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2032 AVAGO-HCTL-2032 Datasheet
387Kb / 21P
   Quadrature Decoder/ Counter Interface ICs
HCTL-2001 AVAGO-HCTL-2001 Datasheet
183Kb / 12P
   Quadrature Decoder/Counter Interface ICs
HCTL-2001-A00 AVAGO-HCTL-2001-A00 Datasheet
220Kb / 16P
   Quadrature Decoder/Counter Interface ICs
HCTL-2017 AVAGO-HCTL-2017 Datasheet
174Kb / 12P
   Quadrature Decoder/Counter Interface ICs
HCTL-2000 AVAGO-HCTL-2000_06 Datasheet
185Kb / 19P
   Quadrature Decoder/Counter Interface ICs
logo
Agilent(Hewlett-Packard...
HCTL-2032 HP-HCTL-2032 Datasheet
291Kb / 20P
   Quadrature Decoder/Counter Interface ICs
HCTL2000 HP-HCTL2000 Datasheet
335Kb / 19P
   Quadrature Decoder/Counter Interface ICs
HCTL-2016 HP-HCTL-2016 Datasheet
217Kb / 2P
   Surface Mount Quadrature Decoder/Counter Interface ICs
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7366 LSI-LS7366 Datasheet
83Kb / 10P
   32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com