Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-1546 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDMP-1546
Description  Fibre Channel Transceiver Chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1546 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDMP-1546 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-1546 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-1546 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-1546 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1546 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1546 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1546 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1546 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1546 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
696
Fibre Channel Transceiver Chip
Technical Data
HDMP-1536 Transceiver
HDMP-1546 Transceiver
Features
• ANSI X3.230-1994 Fibre
Channel Compatible (FC-0)
• Supports Full Speed
(1062.5 MBd) Fibre Channel
• Compatible with “Fibre
Channel 10-Bit Interface”
Specification
• Low Power Consumption,
630 mW
• Transmitter and Receiver
Functions Incorporated onto
a Single IC
• Auto Frequency Lock
• Small Package Profile
HDMP-1536, 10x10 mm QFP
HDMP-1546, 14x14 mm QFP
• 10-Bit Wide Parallel TTL
Compatible I/Os
• Single +3.3 V Power Supply
Applications
• 1062.5 MBd Fibre Channel
Interface
• FC Interface for Disk Drives
and Arrays
• Mass Storage System I/O
Channel
• Work Station/Server I/O
Channel
• High Speed Proprietary
Interface
• High Speed Backplane
Interface
Description
The HDMP-1536/46 transceiver
is a single silicon bipolar
integrated circuit packaged in a
plastic QFP package. It provides
a low-cost, low-power physical
layer solution for 1062.5 MBd
Fibre Channel or proprietary link
interfaces. It provides complete
FC-0 functionality for copper
transmission, incorporating both
the Fibre Channel FC-0 transmit
and receive functions into a
single device.
This chip is used to build a high-
speed interface (as shown in
Figure 1) while minimizing board
space, power, and cost. It is
compatible with both the ANSI
X3.230-1994/AM 1 - 1996
document and the “Fibre Channel
10-bit Interface” specification.
The transmitter section accepts
10-bit wide parallel TTL data and
multiplexes this data into a high-
speed serial data stream. The
parallel data is expected to be
8B/10B encoded data, or
equivalent. This parallel data is
latched into the input register of
the transmitter section on the
rising edge of the 106.25 MHz
reference clock (used as the
transmit byte clock).
The transmitter section’s PLL
locks to this user supplied 106.25
MHz byte clock. This clock is
then multiplied by 10, to generate
the 1062.5 MHz serial signal
clock used to generate the high-
speed output. The high-speed
outputs are capable of interfacing
directly to copper cables for
electrical transmission or to a
separate fiber-optic module for
optical transmission.
The receiver section accepts a
serial electrical data stream at
1062.5 MBd and recovers the
original 10-bit wide parallel data.
The receiver PLL locks onto the
incoming serial signal and
recovers the high-speed serial
clock and data. The serial data is
5965-8113E (4/97)


Similar Part No. - HDMP-1546

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1512 HP-HDMP-1512 Datasheet
259Kb / 26P
   Fibre Channel Transmitter and Receiver Chipset
HDMP-1514 HP-HDMP-1514 Datasheet
259Kb / 26P
   Fibre Channel Transmitter and Receiver Chipset
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
More results

Similar Description - HDMP-1546

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Sony Corporation
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
logo
Texas Instruments
SN75FC1000 TI1-SN75FC1000 Datasheet
301Kb / 10P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
logo
Pulse A Technitrol Comp...
TM531DSA1 PULSE-TM531DSA1 Datasheet
833Kb / 12P
   Fibre Channel transceiver line interface module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com