Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-4663 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HFBR-4663
Description  Single Chip 10BASE-FL Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-4663 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HFBR-4663 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-4663 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-4663 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-4663 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-4663 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-4663 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-4663 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-4663 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR-4663 Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
87
The comparator is a high-speed
differential zero crossing detector
that slices and accurately digitizes
the receive signal. The output of
the comparator is fed in parallel
into both the receive squelch
circuit and the loopback MUX.
Link Detect Circuitry and
Low Light
The link detect circuit monitors
the input signal and determines
when the input falls below a
preset voltage level. When the
input falls below a preset voltage,
the HFBR-4663 goes into the Low
Light state. In the Low Light state
the transmitter is disabled, but
continues sending the I MHz idle
signal, the loopback is disabled,
the receiver is disabled and the
LMON LED pin goes to high
shutting off the LMON LED. To
return to the Link Pass state, the
optical receiver power must be
20% higher than the shut-off
state. This built-in hysteresis adds
stability to the Link Monitor
circuit. Once the receiver power
threshold is exceeded, the HFBR-
4663 waits 250 ms to 750 ms,
then checks to see that Tx+, Tx-
is idle and no data is being
received before re-enabling the
transmitter, receiver, loopback
circuit, and lighting up the LMON
LED.
The VTHADJ pin is used to adjust
the sensitivity of the receiver. The
HFBR-4663 is capable of
exceeding the 10BASE-FL
specifications for sensitivity. The
sensitivity is dependent on the
layout of the PC board. A good
low noise layout will exceed the
10BASE-FL specifications, while a
poor layout will fail to meet the
sensitivity and BER spec.
state the link can be switched on
if the input exceeds the set
threshold for a time given by:
CTIMER x 0.7 V
T= ––––––––––––
700
µA
To switch the link from on to off,
the above time will be doubled. A
value of 0.05
µF will meet the
10BASE-FL specifications.
Differences between
10BASE-FL and FOIRL
10BASE-FL is an improved
version of the original FOIRL
standard. The 10BASE-FL
standard allows backward
compatibility of a 10BASE-FL
transceiver with a FOIRL
transceiver. The main improve-
ments incorporated into 10BASE-
FL are that it can attach to a DTE
by adding the SQE test, and the
distance has been increased from
1 km to 2 km. The other
differences are much more subtle.
The threshold generator shifts the
reference voltage at VTHADJ
through a circuit which has a
temperature coefficient matching
that of the limiting amplifier. The
relationship between the VTHADJ
and the VTH (the peak to peak
input threshold) is:
VTHADJ = 408 VTH
(2)
In a 10BASE-FL receiver, there
must be less than 1 x 10-9 bit
errors at a receive power level of -
32.5 dBm average. One procedure
to determine the sensitivity of a
receiver is to start at the lowest
optical power level and gradually
increase the optical power until
the BER is met. In this case the
Link Detect circuit must not
disable the receiver (i.e. VTHADJ
should be tied to Ground). Once
the sensitivity of the receiver is
determined, VTHADJ can be set just
above the power level that meets
the BER specification. This way
the receiver will shut-off before
the BER is exceeded.
For 10-BASE-FL, VTHADJ can be
tied directly to VREF. However if
greater sensitivity is required the
circuit in Figure 5 can be used to
adjust the VTHADJ voltage. Even if
VREF is tied to VTHADJ, it is a good
idea to layout a board with these
two resistors available. This will
allow potential future adjustments
without board revisions.
The response time of the Link
Detect circuit is set by the CTIMER
pin. Starting from the link off
Figure 5.
THRESH
GEN
REF
VREF
VTHADJ
R1
R2


Similar Part No. - HFBR-4663

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4402 AVAGO-HFBR-4402 Datasheet
234Kb / 24P
   Meets IEEE 802.3 Ethernet and 802.5 Token Ring Standards
logo
Agilent(Hewlett-Packard...
HFBR-4501 HP-HFBR-4501 Datasheet
267Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4501 HP-HFBR-4501 Datasheet
272Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4501 AVAGO-HFBR-4501 Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
HFBR-4501 AVAGO-HFBR-4501 Datasheet
229Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
More results

Similar Description - HFBR-4663

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
   Single Chip 10BASE-FL Transceiver
ML4665 MICRO-LINEAR-ML4665 Datasheet
245Kb / 13P
   Low Cost Single Chip 10BASE-FL Transceiver
ML4668 MICRO-LINEAR-ML4668 Datasheet
196Kb / 14P
   Low Power Single Chip 10BASE-FL Transceiver
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
   10BASE-FL Transceiver
ML4667 MICRO-LINEAR-ML4667 Datasheet
170Kb / 12P
   Low Power 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
   10BASE-FL to 10BASE-T Converter
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
   10BASE-T Transceiver
logo
PCA ELECTRONICS INC.
EPE6087AS PCA-EPE6087AS Datasheet
24Kb / 1P
   10Base-T Transceiver Module
logo
Motorola, Inc
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
logo
Mitel Networks Corporat...
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com