Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-N151 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDSP-N151
Description  20 mm (0.8 inch) Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-N151 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDSP-N151 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-N151 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-N151 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-N151 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-N151 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-N151 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-N151 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-N151 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3-94
Absolute Maximum Ratings
Red
AlGaAs Red
HER
Yellow
Green
HDSP-3400
HDSP-N150
HDSP-3900
HDSP-4200
HDSP-8600
Description
Series
Series
Series
Series
Series
Units
Average Power per Segment
115
96
105
105
105
mW
or DP
Peak Forward Current per
200[1]
160[3]
135[5]
135[5]
90[7]
mA
Segment or DP
DC Forward Current per
50[2]
40[4]
40[6]
40[6]
30[8]
mA
Segment or DP
Operating Temperature
-40 to +100
-20 to +100[9]
-40 to +100
-40 to +100
°C
Range
Storage Temperature Range
-55 to +100
°C
Reverse Voltage per
3.0
V
Segment or DP
Lead Solder Temperature
for 3 Seconds (1.60 mm
260
°C
[0.063 in.] below seating
plane)
Notes:
1. See Figure 1 to establish pulsed conditions.
2. Derate above 45
°C at 0.83 mA/°C.
3. See Figure 2 to establish pulsed conditions.
4. Derate above 55
°C at 0.8 mA/°C.
5. See Figure 7 to establish pulsed conditions.
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2]
IV
500
1200
µcd
IF = 20 mA
(Digit Average)
Forward Voltage/Segment or DP
VF
1.6
2.0
V
IF = 20 mA
HDSP-
Peak Wavelength
λ
PEAK
655
nm
340X
Dominant Wavelength[3]
λ
d
640
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
20
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
-2
mV/
°C
VF /Segment or DP
Thermal Resistance LED Junction-
R
θ
J-PIN
375
°C/W
to-Pin
Electrical/Optical Characteristics at TA = 25°C
Red
6. Derate above 50
°C at 0.73 mA/°C.
7. See Figure 8 to establish pulsed conditions.
8. Derate above 50
°C at 0.54 mA/°C.
9. For operation below -20
°C, contact your local HP
components sales office or an authorized distributor.


Similar Part No. - HDSP-N151

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-N151 HP-HDSP-N151 Datasheet
122Kb / 10P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-N151 AVAGO-HDSP-N151 Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
More results

Similar Description - HDSP-N151

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-3901-EF000 AVAGO-HDSP-3901-EF000 Datasheet
203Kb / 9P
   20 mm (0.8 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-3900 HP-HDSP-3900 Datasheet
122Kb / 10P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-815E AVAGO-HDSP-815E_12 Datasheet
75Kb / 6P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-815E HP-HDSP-815E Datasheet
70Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-815E AVAGO-HDSP-815E Datasheet
152Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com