Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5103T Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HFBR-5103T
Description  FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5103T Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5103T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5103T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5103T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5103T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5103T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5103T Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5103T Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5103T Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5103T Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
133
ground plane be provided in the
circuit board directly under the
transceiver to provide a low
inductance ground for signal
return current. This recommenda-
tion is in keeping with good high
frequency board layout practices.
Board Layout - Hole Pattern
The Hewlett-Packard transceiver
complies with the circuit board
“Common Transceiver Footprint”
hole pattern defined in the
original multisource announce-
ment which defined the 1x9
package style. This drawing is
reproduced in Figure 8 with the
addition of ANSI Y14.5M
compliant dimensioning to be
used as a guide in the mechanical
layout of your circuit board.
Board Layout - Art Work
The Applications Engineering
group has developed Gerber file
artwork for a multilayer printed
circuit board layout incorporating
the recommendations above.
Contact your local Hewlett-
Packard sales representative for
details.
Board Layout - Mechanical
For applications providing a
choice of either a duplex SC or a
duplex ST connector interface,
while utilizing the same pinout on
the printed circuit board, the ST
port needs to protrude from the
chassis panel a minimum of
9.53 mm for sufficient clearance
to install the ST connector.
Please refer to Figure 8a for a
mechanical layout detailing the
Figure 8. Recommended Board Layout Hole Pattern
recommended location of the
duplex SC and duplex ST trans-
ceiver packages in relation to the
chassis panel.
Regulatory Compliance
These transceiver products are
intended to enable commercial
system designers to develop
equipment that complies with the
various international regulations
governing certification of
Information Technology
Equipment. See the Regulatory
Compliance Table for details.
Additional information is
available from your Hewlett-
Packard sales representative.
Electrostatic Discharge (ESD)
There are two design cases in
which immunity to ESD damage
is important.
(8X)
2.54
.100
20.32
.800
20.32
.800
1.9 ± 0.1
.075 ± .004
(2X) ø
Ø0.000
MA
0.8 ± 0.1
.032 ± .004
(9X) ø
Ø0.000
MA
–A–
TOP VIEW


Similar Part No. - HFBR-5103T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5106 HP-HFBR-5106 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
HFBR-5106T HP-HFBR-5106T Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
HFBR-5107 HP-HFBR-5107 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
HFBR-5107T HP-HFBR-5107T Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5103T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803AQZ AVAGO-AFBR-5803AQZ Datasheet
489Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Agilent(Hewlett-Packard...
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803AQZ BOARDCOM-AFBR-5803AQZ Datasheet
783Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803Z AVAGO-AFBR-5803Z Datasheet
506Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803Z BOARDCOM-AFBR-5803Z Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com