Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATZB-A24-UFLB Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATZB-A24-UFLB
Description  ZIGBIT 2.4GHZ AMPLIFIED WIRELESS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATZB-A24-UFLB Datasheet(HTML) 2 Page - ATMEL Corporation

  ATZB-A24-UFLB_14 Datasheet HTML 1Page - ATMEL Corporation ATZB-A24-UFLB_14 Datasheet HTML 2Page - ATMEL Corporation ATZB-A24-UFLB_14 Datasheet HTML 3Page - ATMEL Corporation ATZB-A24-UFLB_14 Datasheet HTML 4Page - ATMEL Corporation ATZB-A24-UFLB_14 Datasheet HTML 5Page - ATMEL Corporation ATZB-A24-UFLB_14 Datasheet HTML 6Page - ATMEL Corporation ATZB-A24-UFLB_14 Datasheet HTML 7Page - ATMEL Corporation ATZB-A24-UFLB_14 Datasheet HTML 8Page - ATMEL Corporation ATZB-A24-UFLB_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ATZB-A24-UFLB/U0B [ZigBit 2.4GHz Amplified Wireless Modules RevB]
42058C
−WIRELESS−06/2013
2
Table of Contents
1.  Introduction ..........................................................................................3 
1.1
 
Summary........................................................................................................... 3
 
1.2
 
Applications....................................................................................................... 3
 
2.  Abbreviations and Acronyms ...............................................................4 
3.  Related Documents .............................................................................5 
4.  ZigBit Module Overview .......................................................................6 
4.1
 
Overview ........................................................................................................... 6
 
5.  Specifications.......................................................................................7 
5.1
 
Electrical Characteristics................................................................................... 7
 
5.1.1
 
Absolute Maximum Ratings ................................................................ 7
 
5.1.2
 
Test Conditions................................................................................... 7
 
5.1.3
 
RF Characteristics .............................................................................. 8
 
5.1.4
 
Atmel ATmega1281V Microcontroller Characteristics......................... 8
 
5.1.5
 
Module Interfaces Characteristics....................................................... 9
 
5.2
 
Physical/environmental Characteristics and Outline ......................................... 9
 
5.3
 
Pin Configuration............................................................................................. 10
 
5.4
 
Mounting Information ...................................................................................... 13
 
5.5
 
Soldering Profile.............................................................................................. 14
 
5.6
 
Product Design Considerations....................................................................... 14
 
5.7
 
Internal Schematics......................................................................................... 16
 
6.  Ordering Information ..........................................................................17 
7.  Agency Certification ...........................................................................18 
7.1
 
United States (FCC)........................................................................................ 18
 
7.2
 
Using Limited Modular certified products ........................................................ 18
 
7.3
 
European Union (ETSI)................................................................................... 18
 
8.  Revision History .................................................................................20 
9.  Known Issues.....................................................................................21 


Similar Part No. - ATZB-A24-UFLB_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATZB-A24-UFL ATMEL-ATZB-A24-UFL Datasheet
394Kb / 20P
   ZigBit 2.4 GHz Amplified Wireless Modules
ATZB-A24-UFLR ATMEL-ATZB-A24-UFLR Datasheet
394Kb / 20P
   ZigBit 2.4 GHz Amplified Wireless Modules
logo
List of Unclassifed Man...
ATZB-A24-UFLR ETC1-ATZB-A24-UFLR Datasheet
399Kb / 20P
   ZigBit??2.4 GHz Amplified Wireless Modules
More results

Similar Description - ATZB-A24-UFLB_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATZB-X0-256-3-0-C ATMEL-ATZB-X0-256-3-0-C_14 Datasheet
1Mb / 28P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C Datasheet
534Kb / 20P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-B0 ATMEL-ATZB-24-B0_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
logo
List of Unclassifed Man...
DOC8228 ETC1-DOC8228 Datasheet
399Kb / 20P
   ZigBit??2.4 GHz Amplified Wireless Modules
logo
ATMEL Corporation
ATZB-A24-UFL ATMEL-ATZB-A24-UFL Datasheet
394Kb / 20P
   ZigBit 2.4 GHz Amplified Wireless Modules
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C Datasheet
1Mb / 27P
   ZigBit 2.4GHz Single chip Wireless Module
ATZB-S1-256-3-0-U ATMEL-ATZB-S1-256-3-0-U_14 Datasheet
971Kb / 25P
   ZigBit 2.4GHz Single Chip Wireless Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com