Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5106T Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HFBR-5106T
Description  100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5106T Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5106T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5106T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5106T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5106T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5106T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5106T Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5106T Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5106T Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5106T Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
157
Figure 8. Recommended Board Layout Hole Pattern.
Figure 8a. Recommended Common Mechanical Layout for SC and ST 1x9 Connectored Transceivers.
(8X) 2.54
.100
20.32
.800
20.32
.800
1.9 ± 0.1
.075 ± .004
(2X) ø
Ø0.000 MA
0.8 ± 0.1
.032 ± .004
(9X) ø
Ø0.000 MA
–A–
TOP VIEW
25.4
42.0
,
,




,
,




,


,





24.8
9.53
(NOTE 1)
39.12
6.79
25.4
12.09
11.1
0.75
12.0
0.51
NOTE 1: MINIMUM DISTANCE FROM FRONT
OF CONNECTOR TO THE PANEL FACE.


Similar Part No. - HFBR-5106T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5105 HP-HFBR-5105 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5106T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR5203-5205 HP-HFBR5203-5205 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5905 HP-HFBR-5905 Datasheet
282Kb / 14P
   ATM Multimode Fiber Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5905Z AVAGO-AFBR-5905Z Datasheet
338Kb / 13P
   ATM Multimode Fiber Transceivers in 2 x 5 Package Style
logo
Datatronic Distribution...
NT803-043 DATATRONICS-NT803-043 Datasheet
76Kb / 1P
   100VG-AnyLAN Filter Module
NT803-021 DATATRONICS-NT803-021 Datasheet
52Kb / 1P
   100VG-AnyLAN Filter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com