Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5104T Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFBR-5104T
Description  FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5104T Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFBR-5104T Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5104T Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5104T Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5104T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5104T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5104T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5104T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5104T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5104T Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
126
5965-9727E (5/97)
FDDI, 100 Mbps ATM, and
Fast Ethernet Transceivers
in Low Cost 1x9 Package Style
Technical Data
Description
The HFBR-5100 family of trans-
ceivers from Hewlett-Packard
provide the system designer with
products to implement a range of
FDDI and ATM (Asynchronous
Transfer Mode) designs at the
100 Mbps/125 MBd rate.
The transceivers are all supplied
in the new industry standard 1x9
SIP package style with either a
duplex SC or a duplex ST*
connector interface.
FDDI PMD, ATM and Fast
Ethernet 2000 m Backbone
Links
The HFBR-5103/-5103T are
1300 nm products with optical
performance compliant with the
FDDI PMD standard. The FDDI
PMD standard is ISO/IEC 9314-3:
1990 and ANSI X3.166 - 1990.
These transceivers for 2000 meter
multimode fiber backbones are
supplied in the small 1x9 duplex
SC or ST package style for those
designers who want to avoid the
larger MIC/R (Media Interface
Connector/Receptacle) defined in
the FDDI PMD standard.
Hewlett-Packard also provides
several other FDDI products
compliant with the PMD and SM-
PMD standards. These products
Features
• Full Compliance with the
Optical Performance
Requirements of the FDDI
PMD Standard
• Full Compliance with the
FDDI LCF-PMD Standard
• Full Compliance with the
Optical Performance
Requirements of the ATM
100 Mbps Physical Layer
• Full Compliance with the
Optical Performance
Requirements of
100 Base-FX Version of
IEEE 802.3u
• Very Low Cost 800 nm
Alternative with FDDI and
ATM Compliant Signaling
• Multisourced 1x9 Package
Style with Choice of Duplex
SC or Duplex ST*
Receptacle
• Wave Solder and Aqueous
Wash Process Compatible
• Manufactured in an ISO
9002 Certified Facility
Applications
• Multimode Fiber Backbone
Links
• Multimode Fiber Wiring
Closet to Desktop Links
• Very Low Cost Multimode
Fiber 800 nm Links from
Wiring Closet to Desktop
*ST is a registered trademark of AT&T Lightguide Cable Connectors.
HFBR-5103/-5103T
1300 nm 2000 m
HFBR-5104/-5104T
800 nm 500 m
HFBR-5105/-5105T
1300nm 500 m
are available with MIC/R, ST© and
FC connector styles. They are
available in the 1x13 and 2x11
transceiver and 16 pin
transmitter/receiver package
styles for those designs that
require these alternate
configurations.
The HFBR-5103/-5103T is also
useful for both ATM 100 Mbps
interfaces and Fast Ethernet 100
Base-FX interfaces. The ATM
Forum User-Network Interface
(UNI) Standard, Version 3.0,
defines the Physical Layer for
100 Mbps Multimode Fiber
Interface for ATM in Section 2.3
to be the FDDI PMD Standard.
Likewise, the Fast Ethernet
Alliance defines the Physical
Layer for 100 Base-FX for Fast
Ethernet to be the FDDI PMD
Standard.
Note: The “T” in the product numbers
indicates a transceiver with a duplex ST
connector receptacle.
Product numbers without a “T” indicate
transceivers with a duplex SC connector
receptacle.


Similar Part No. - HFBR-5104T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5106 HP-HFBR-5106 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
HFBR-5106T HP-HFBR-5106T Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
HFBR-5107 HP-HFBR-5107 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
HFBR-5107T HP-HFBR-5107T Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5104T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803AQZ AVAGO-AFBR-5803AQZ Datasheet
489Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Agilent(Hewlett-Packard...
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803AQZ BOARDCOM-AFBR-5803AQZ Datasheet
783Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803Z AVAGO-AFBR-5803Z Datasheet
506Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803Z BOARDCOM-AFBR-5803Z Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com