Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5112 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HFBR-5112
Description  Low Cost, Industry Standard FDDI MIC Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5112 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5112 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5112 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5112 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5112 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5112 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5112 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5112 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5112 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-5112 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
100
Electrostatic Discharge
There are two design cases in
which immunity to ESD damage
is important.
The first is during handling of the
transceiver prior to mounting it
on the circuit board. It is
important to use normal ESD
handling precautions for ESD-
sensitive devices. These precau-
tions include using grounded
wrist straps, work benches, and
floor mats in ESD-controlled
areas.
The second case to consider is
static discharges to the exterior
of the equipment chassis con-
taining the transceiver parts. To
the extent that the MIC connector
is exposed to the outside of the
equipment chassis, it may be
subject to whatever ESD system
level test criteria that the
equipment is intended to meet.
Electromagnetic Interference
(EMI)
Most equipment designs utilizing
these high speed transceivers
from Hewlett-Packard will be
required to meet the require-
ments of FCC in the United
States, CENELEC EN55022
(CISPR 22) in Europe and VCCI
in Japan. Hence, the HFBR-511X
Series of fiber optic transceivers
meet the regulatory requirements
listed in Table 1.
Immunity
Equipment utilizing these
transceivers will be subject to
radio-frequency electromagnetic
fields in some environments.
These transceivers have a high
immunity to such fields. The
internal construction of the
HFBR-511X Series is similar to
that of the HFBR-510X/-520X
series. Therefore, for additional
information regarding EMI sus-
ceptibility, ESD, and conducted
noise testing procedures and
results, please refer to Applica-
tion Note 1075, Testing and
Measuring Electromagnetic
Compatibility Performance of
the HFBR-510X/-520X Fiber
Optic Transceivers.
Flammability Rating
The housing material of the
HFBR-5111/-5112/-5113 trans-
ceiver has been approved for UL
flammability rating of 94V-0
under General Electric’s UL file
number E121562 and similarly
under CSA file number LS88480.
Transceiver Reliability and
Performance Qualification
Data
As with all HP components, the
HFBR-511X series transceivers
undergo extensive Hewlett-
Packard reliability and perform-
ance qualification testing. Details
are available from your Hewlett-
Packard sales representative.
These transceivers are manu-
factured at the Hewlett-Packard
Singapore location which is an
ISO 9001 certified facility.
Ordering Information
The Hewlett-Packard FDDI
transceivers are available
packaged with or without key
inserts per Table 2. The key
inserts are colored-coded plastic
parts with an identifying key
letter molded into the top surface
of each key.
The HFBR-5111/-5112/-5113
products are available through
the Hewlett-Packard Component
Field Sales Offices and
Authorized Distributors
worldwide.
Table 1. Regulatory Compliance Table
Feature
Test Method
Performance
Electrostatic Discharge
MIL-STD-883C
Meets Class 2 (2000 to 3999 Volts)
(ESD) to the Electrical Pins
Method 3015.4
Withstands up to 2200 V applied between
electrical pins.
Electrostatic Discharge
Variation of IEC 801-2
Typically withstand at least 25 kV without
(ESD) to the MIC Receptacle
damage when the MIC Receptacle is contacted
by a Human Body Model probe.
Electromagnetic Interference
FCC Class B
Typically provide a 13 dB margin to the noted
(EMC)
CENELEC CEN55022
standard limits when tested at a certified
Class B (CISPR 22B)
test range with the transceiver mounted to a
VCCI Class 2
circuit card without a chassis enclosure.
Immunity
Variation of IEC 801-3
Typically show no measurable effect from a
10 V/m field swept from 10 to 450 MHz
applied to the transceiver when mounted to a
circuit card without a chassis enclosure.


Similar Part No. - HFBR-5112

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5105 HP-HFBR-5105 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5112

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HC49-4H EUROQUARTZ-HC49-4H Datasheet
204Kb / 1P
   Low-cost, industry-standard crystal unit
logo
Maxim Integrated Produc...
MAX13052ASA MAXIM-MAX13052ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
EUROQUARTZ limited
49SMD EUROQUARTZ-49SMD Datasheet
118Kb / 1P
   Low-cost, industry-standard crystal unit formed for SMD
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803AQZ AVAGO-AFBR-5803AQZ Datasheet
489Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803AQZ BOARDCOM-AFBR-5803AQZ Datasheet
783Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
Agilent(Hewlett-Packard...
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com