Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-3905 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-3905
Description  20 mm (0.8 inch) Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-3905 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-3905 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-3905 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-3905 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-3905 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-3905 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-3905 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-3905 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-3905 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3-96
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
2200
7000
µcd
IF = 100 mA Peak:
Luminous Intensity/Segment[1,2]
IV
1 of 5 df
(Digit Average)
3400
µcd
IF = 20 mA
Forward Voltage/Segment or DP
VF
2.6
3.5
V
IF = 100 mA
HDSP-
420X
Peak Wavelength
λ
PEAK
583
nm
Dominant Wavelength[3,6]
λ
d
581.5
586
592.5
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
25.0
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED Junction-
R
θ
J-PIN
375
°C/W/
to-Pin
Seg
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
680
1500
µcd
IF = 10 mA
Luminous Intensity/Segment[1,2]
IV
(Digit Average)`
1960
µcd
IF = 50 mA Peak:
1 of 5 df
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 10 mA
HDSP-
Peak Wavelength
λ
PEAK
566
nm
860X
Dominant Wavelength[3,6]
λ
d
571
577
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
50.0
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED Junction-
R
θ
J-PIN
375
°C/W/
to-Pin
Seg
Green
Notes:
1. Case temperature of the device immediately prior to the intensity measurement is 25
°C.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of
the device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
5. For low current operation, the AlGaAs Red HDSP-N100 series displays are recommended. They are tested at 1 mA dc/segment and
are pin for pin compatible with the HDSP-N150 series.
6. The Yellow (HDSP-4200) and Green (HDSP-8600) displays are categorized for dominant wavelength. The category is designated by
a number adjacent to the luminous intensity category letter.
Yellow


Similar Part No. - HDSP-3905

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-3905 HP-HDSP-3905 Datasheet
122Kb / 10P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3905 AVAGO-HDSP-3905 Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-3905 AVAGO-HDSP-3905 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
More results

Similar Description - HDSP-3905

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-3901-EF000 AVAGO-HDSP-3901-EF000 Datasheet
203Kb / 9P
   20 mm (0.8 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-3900 HP-HDSP-3900 Datasheet
122Kb / 10P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-815E AVAGO-HDSP-815E_12 Datasheet
75Kb / 6P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-815E HP-HDSP-815E Datasheet
70Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-815E AVAGO-HDSP-815E Datasheet
152Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com